Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-1196 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1196
Description  Impedance Matching Audio Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1196 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1196 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
PARAMETER
MIN.
TYP.
MAX.
UNITS
Primary Inductance1
5.5
9.0
H
Pins 1-2.
Frequency Response
300Hz to 3.5kHz
0.30
dB
Insertion Loss (At 1kHz)
.80
dB
Primary DC Resistance
330
ohms
Pins 1-2
Secondary DC Resistance
430
ohms
Pins 3-4
Isolation (Hi-Pot)
1500
VAC
DC Bias
0
mA
1. Tested @ 1kHz & 100 mV
RMS
1 of 1
T-1196
Turns Ratio (
+ 3 % )
1 : 1
01/26/99
Physical
Dimensions
inches (mm)
.374
(9.50)
TYP.
.785
(19.94)
.725
(18.42)
.420
(10.67)
.016
(0.41)
.620
(15.75)
.187
(4.75)
TYP.
.042
(1.07)
TYP.
1
2
3
4
Bottom View
Impedance Matching Audio Transformer
Primary
Secondary
1
2
3
4
Schematic Diagram
Designed to match
10k
Ω : 10kΩ


Similar Part No. - T-1196

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1193 RHOMBUS-IND-T-1193 Datasheet
22Kb / 1P
   HDSL TRANSFORMER
T-1194 RHOMBUS-IND-T-1194 Datasheet
32Kb / 1P
   600 Audio Transformer
T-1195 RHOMBUS-IND-T-1195 Datasheet
24Kb / 1P
   DDS Aplications Pulse Transformers
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
   Flyback Transformer
More results

Similar Description - T-1196

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
140NEX ETC2-140NEX Datasheet
313Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57ZT JFW-57ZT_18 Datasheet
26Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140MEX HAMMOND-140MEX Datasheet
311Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
List of Unclassifed Man...
140PEX ETC2-140PEX Datasheet
344Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57ZT-12G JFW-57ZT-12G Datasheet
26Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140QEX HAMMOND-140QEX Datasheet
341Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
140TEX HAMMOND-140TEX Datasheet
323Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
140PEX HAMMOND-140PEX Datasheet
344Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
140NEX HAMMOND-140NEX Datasheet
313Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
List of Unclassifed Man...
140QEX ETC2-140QEX Datasheet
341Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com