Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC586PAH Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC586PAH
Description  3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC586PAH Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC586PAH Datasheet HTML 2Page - Texas Instruments CDC586PAH Datasheet HTML 3Page - Texas Instruments CDC586PAH Datasheet HTML 4Page - Texas Instruments CDC586PAH Datasheet HTML 5Page - Texas Instruments CDC586PAH Datasheet HTML 6Page - Texas Instruments CDC586PAH Datasheet HTML 7Page - Texas Instruments CDC586PAH Datasheet HTML 8Page - Texas Instruments CDC586PAH Datasheet HTML 9Page - Texas Instruments CDC586PAH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CDC586
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS336D – FEBRUARY 1993 – REVISED OCTOBER 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
TA
Operating free-air temperature
0
70
°C
NOTE 3: Unused inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
VOH
VCC = MIN to MAX†,
IOH = – 100 µA
VCC – 0.2
V
VOH
VCC = 3 V,
IOH = – 32 mA
2
V
VOL
VCC =3V
IOL = 100 µA
0.2
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
V
II
VCC = 0 or MAX†,
VI = 3.6 V
±10
µA
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
IOZH
VCC = 3.6 V,
VO = 3 V
10
µA
IOZL
VCC = 3.6 V,
VO = 0
–10
µA
V3 6 V
I
0
Outputs high
1
ICC
VCC = 3.6 V,
IO = 0,
VI =VCC or GND
Outputs low
1
mA
VI = VCC or GND
Outputs disabled
1
Ci
VI = VCC or GND
4
pF
Co
VO = VCC or GND
8
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - CDC586PAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC586PAH TI1-CDC586PAH Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
CDC586PAHG4 TI1-CDC586PAHG4 Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
CDC586PAHR TI1-CDC586PAHR Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
CDC586PAHRG4 TI1-CDC586PAHRG4 Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
More results

Similar Description - CDC586PAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC536 TI-CDC536 Datasheet
170Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com