Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC536DL Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC536DL
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC536DL Datasheet(HTML) 5 Page - Texas Instruments

  CDC536DL Datasheet HTML 1Page - Texas Instruments CDC536DL Datasheet HTML 2Page - Texas Instruments CDC536DL Datasheet HTML 3Page - Texas Instruments CDC536DL Datasheet HTML 4Page - Texas Instruments CDC536DL Datasheet HTML 5Page - Texas Instruments CDC536DL Datasheet HTML 6Page - Texas Instruments CDC536DL Datasheet HTML 7Page - Texas Instruments CDC536DL Datasheet HTML 8Page - Texas Instruments CDC536DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDC536
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS378F – APRIL 1994 – REVISED OCTOBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state or power-off state, VO (see Note 1)
– 0.5 V to 5.5 V
. . .
Current into any output in the low state, IO
64 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
– 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
– 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): DB package
0.68 W
. . . . . . . . . . . . . . . . . . .
DL package
0.7 W
. . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 75 mils.
For more information, refer to the
Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
TA
Operating free-air temperature
0
70
°C
NOTE 3: Unused inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
VOH
VCC = MIN to MAX‡,
IOH = – 100 µA
VCC – 0.2
V
VOH
VCC = 3 V,
IOH = – 32 mA
2
V
VOL
VCC = 3 V,
IOL = 100 µA
0.2
V
VOL
VCC = 3 V,
IOL = 32 mA
0.5
V
II
VCC = 0 or MAX‡,
VI = 3.6 V
±10
µA
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
IOZH
VCC = 3.6 V,
VO = 3 V
10
µA
IOZL
VCC = 3.6 V,
VO = 0
–10
µA
V3 6 V
I
0
Outputs high
2
ICC
VCC = 3.6 V,
IO = 0,
VI =VCC or GND
Outputs low
2
mA
VI = VCC or GND
Outputs disabled
2
Ci
VI = VCC or GND
6
pF
Co
VO = VCC or GND
9
pF
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - CDC536DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC536DL TI1-CDC536DL Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DLR TI1-CDC536DLR Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC536DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com