Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1567 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC1567
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1567 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC1567 Datasheet HTML 1Page - Savantic, Inc. 2SC1567 Datasheet HTML 2Page - Savantic, Inc. 2SC1567 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC1567 2SC1567A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SC1567
100
V(BR)CEO
Collector-emitter
breakdown voltage
2SC1567A
IC=0.1mA ;IB=0
120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1µA ;IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=0.5A ;IB=50m A
0.2
0.4
V
VBEsat
Base-emitter saturation voltage
IC=0.5A ;IB=50m A
0.85
1.2
V
hFE-1
DC current gain
IC=150mA ; VCE=10V
65
330
hFE-2
DC current gain
IC=0.5A ; VCE=5V
50
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
11
pF
fT
Transition frequency
IC=50mA ; VCE=10V,f=200MHz
120
MHz
hFE-1 Classifications
R
S
130-220
185-330


Similar Part No. - 2SC1567

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1567 PANASONIC-2SC1567 Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type
logo
Inchange Semiconductor ...
2SC1567 ISC-2SC1567 Datasheet
126Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1567 SAVANTIC-2SC1567 Datasheet
106Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC1567 NJSEMI-2SC1567 Datasheet
126Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - 2SC1567

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com