Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD74HC7266 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. CD74HC7266
Description  High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7266 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC7266 Datasheet HTML 1Page - Texas Instruments CD74HC7266 Datasheet HTML 2Page - Texas Instruments CD74HC7266 Datasheet HTML 3Page - Texas Instruments CD74HC7266 Datasheet HTML 4Page - Texas Instruments CD74HC7266 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Functional Diagram
Logic Symbol
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nY
LL
H
LHL
HL
L
HHH
NOTE: H = High Voltage Level, L = Low Voltage Level
1A
1B
2A
2B
3A
3B
4A
4B
1
2
5
6
8
9
12
13
3
4
10
11
1Y
2Y
3Y
4Y
GND = 7
VCC = 14
nA
nB
nY
CD74HC7266


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn