Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4066M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4066M
Description  High-Speed CMOS Logic Quad Bilateral Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4066M Datasheet(HTML) 7 Page - Texas Instruments

  CD74HC4066M Datasheet HTML 1Page - Texas Instruments CD74HC4066M Datasheet HTML 2Page - Texas Instruments CD74HC4066M Datasheet HTML 3Page - Texas Instruments CD74HC4066M Datasheet HTML 4Page - Texas Instruments CD74HC4066M Datasheet HTML 5Page - Texas Instruments CD74HC4066M Datasheet HTML 6Page - Texas Instruments CD74HC4066M Datasheet HTML 7Page - Texas Instruments CD74HC4066M Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Analog Test Circuits
FIGURE 4. CROSSTALK BETWEEN TWO SWITCHES TEST CIRCUIT
FIGURE 5. FREQUENCY RESPONSE TEST CIRCUIT
FIGURE 6. TOTAL HARMONIC DISTORTION TEST CIRCUIT
FIGURE 7. CONTROL-TO-SWITCH FEEDTHROUGH NOISE
TEST CIRCUIT
FIGURE 8. SWITCH OFF SIGNAL FEEDTHROUGH
VCC
VIS
0.1
µF
RC
VCC/2
VOS1
SWITCH
ON
VCC
VCC/2
R
RC
VCC/2
VOS2
SWITCH
OFF
dB
METER
VIS
fIS = 1MHz SINEWAVE
R = 50
C = 10pF
R
VCC
VIS
0.1
µF
50
10pF
VCC/2
VOS
SWITCH
ON
dB
METER
VCC
VIS
10
µF
10k
50pF
VCC/2
VOS
SWITCH
ON
DISTORTION
METER
VI = VIH
fIS = 1kHz TO 10kHz
VIS
SINE
WAVE
SWITCH
ALTERNATING
ON AND OFF
tr, tf ≤ 6ns
fCONT = 1MHz
50% DUTY
CYCLE
SCOPE
VP-P
VOS
E
VOS
50pF
600
VCC/2
600
VCC/2
VCC
VCC
VIS
0.1
µF
RC
VCC/2
VOS
SWITCH
OFF
dB
METER
R
VCC/2
VC = VIL
fIS ≥ 1MHz SINEWAVE
R = 50
C = 10pF
Test Circuits and Waveforms
FIGURE 9. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 10. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD74HC4066, CD74HCT4066


Similar Part No. - CD74HC4066M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4066M TI-CD74HC4066M Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066M TI-CD74HC4066M Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066M TI-CD74HC4066M Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066M TI1-CD74HC4066M Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066M96 TI-CD74HC4066M96 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results

Similar Description - CD74HC4066M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com