Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMRT28512TKP Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # SMRT28512TKP
Description  SMRT Single, Dual and Triple DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT28512TKP Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button SMRT28512TKP Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 9Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 10Page - Crane Aerospace & Electronics. SMRT28512TKP Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1. Guaranteed by design, not tested.
2. Maximum power dissipation when output is shorted.
3. Measured from release of inhibit or input voltage step.
4. Minimum value pre-load on all outputs of 2% of full load should be used on all outputs at TID of 100k rads(Si) and greater to ensure tight regulation
over full input voltage range.
5. Half load to/from full load; Transition time ≥ 10 μs.
6. Converter should not be inhibited or operated below 19 Vin above 5x104 rads (Si) total dose.
7. If 3.3S model is trimmed to the high end of its range, then minimum Vin = 22 V.
8. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-CE-102. The actual value of input ripple current
is much less, the limit in the characteristic table is based on measurement resolution.
SINGLE OUTPUT MODELS
SMRT283R3S
SMRT2805S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
3.23
3.30
3.37
4.90
5.00
5.10
VDC
OUTPUT CURRENT4
6.97
0
6 . 0
A
OUTPUT POWER4
VIN = 19 TO 56 VDC
0
23
0
30
W
OUTPUT RIPPLE
10 KHZ - 20 MHZ
200
200
mV p-p
LINE REGULATION
VIN = 19, 28, 50 VDC
5
3 0
5
3 0
mV
LOAD REGULATION
5
4 0
5
4 0
mV
TOTAL REGULATION
ALL CONDITIONS OF
LINE, LOAD, AGING,
TEMP AND RADIATION
3.0
3.6
4.7
5.3
VOUT
INPUT VOLTAGE6, 7
CONTINUOUS
19
28
56
0
80
19
28
56
0
80
VDC
V
TRANSIENT 100 ms
INPUT CURRENT
INHIBITED6
50
110
50
110
mA
NO LOAD
INPUT RIPPLE CURRENT8
10 kHz - 20 MHz
10
50
10
50
mA p-p
EFFICIENCY
65
66
%
LOAD FAULT
POWER DISSIPATION2
28
28
W
STEP LOAD RESPONSE5
TRANSIENT
-450
450
3
-450
450
3
mV pk
ms
RECOVERY
STEP LINE RESPONSE1
19 - 56 - 19 VIN
TRANSIENT
-500
500
4
-500
500
4
mV pk
ms
RECOVERY
START-UP
DELAY3
NO LOAD AND FULL
35
50
25
50
ms
mV pk
OVERSHOOT3
CAPACITIVE LOAD1
UNCONDITIONALLY
STABLE, START-UP
DELAY INCREASED
TC = 25°C
5000
5000
μF
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 7 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT


Similar Part No. - SMRT28512TKP

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT28512T INTERPOINT-SMRT28512T Datasheet
800Kb / 19P
   Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
SMRT28512T/KR INTERPOINT-SMRT28512T/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
More results

Similar Description - SMRT28512TKP

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com