Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMRT2815SKF Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # SMRT2815SKF
Description  SMRT Single, Dual and Triple DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT2815SKF Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button SMRT2815SKF Datasheet HTML 2Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 9Page - Crane Aerospace & Electronics. SMRT2815SKF Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MODEL NUMBERING KEY
SMRT
28 515 T / KF
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S=single, D=dual, T=triple)
(single or dual Vout for single or dual models
main and aux. Vout for triple models)
(OO-prototype, HP, HR, KP, KR, KF)
MODEL SELECTION
SMRT28
/
Base model
Vout value
number of outputs
screening
Choose one from each of the following rows
Vout value
singles: 3.3, 5, 12, 15
duals: 5,12,15
triples*: 3.312, 3.315, 512, 515
“R” = decimal point, 3R3 = 3.3VDC
Number of outputs
S (single), D (dual), T (triple)
Screening
OO** - Space prototype, HP, HR, KP, KR, KF
* for triple models “3.3” and “5” indicates the main voltage, “12” or “15” indicate the ± auxiliary voltages.
**Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534,
which is defined as “no RHA”
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 6 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT


Similar Part No. - SMRT2815SKF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT2815S INTERPOINT-SMRT2815S Datasheet
800Kb / 19P
   Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
SMRT2815S/KR INTERPOINT-SMRT2815S/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
More results

Similar Description - SMRT2815SKF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com