Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMSA2815D/KR Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # SMSA2815D/KR
Description  SMSA Single and Dual DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMSA2815D/KR Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button SMSA2815D/KR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 9Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 10Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 11Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 12Page - Crane Aerospace & Electronics. SMSA2815D/KR Datasheet HTML 13Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Figure 9
Figure 11
OUTPUT POWER (Watts)
SMSA2815D EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
100
µs/div
16V TO 40V
SMSA2805S STEP LINE RESPONSE
VIN
VOUT
OUTPUT POWER (Watts)
SMSA2805S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
Figure 6
OUTPUT POWER (Watts)
SMSA2812S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
Figure 7
FREQUENCY (kHz)
SMSA SERIES AUDIO REJECTION
100
0.1
1
10
100
90
80
70
60
50
40
30
20
10
Figure 10
Figure 8
OUTPUT POWER (Watts)
SMSA2815S EFFICIENCY
30
80
40V
70
60
50
40
1
2
3
4
5
6
16V
28V
100
µs/div
50%
100%
SMSA2805S STEP LOAD RESPONSE
50% to 100%
100% to 50%
Figure 12
100
µs/div
10%
100%
SMSA2805S STEP LOAD RESPONSE
10% to 100%
100% to 10%
Figure 13
Figure 14
1 ms / div
SMSA2805S TURN-ON INTO NO LOAD
VIN
VOUT
Typical Performance Curves: 25°C Tc, 28 VdC Vin, 100% load, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
sMsa single and dual dc/dc converters
Page 9 of 14
28 Volt input – 5 Watt - pending reVision F release
www.interpoint.com
Rev F - 20090318 - Pending Revision F Release


Similar Part No. - SMSA2815D/KR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMSA2815D/KR INTERPOINT-SMSA2815D/KR Datasheet
271Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMSA2815D/KR INTERPOINT-SMSA2815D/KR Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
More results

Similar Description - SMSA2815D/KR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMTR INTERPOINT-SMTR_16 Datasheet
347Kb / 14P
   SMTR Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com