Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFL2805D/HO Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # SMFL2805D/HO
Description  SMFL Single and Dual DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFL2805D/HO Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button SMFL2805D/HO Datasheet HTML 3Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 4Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 9Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 10Page - Crane Aerospace & Electronics. SMFL2805D/HO Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Notes
1. Guaranteed by design, not tested.
2. Up to 70% of the total output power is available from either output providing the
opposite output is simultaneously carrying 30% of the total power.
3. Effect on negative Vout from 50%/50% loads to 70%/30% or
30%/70% loads.
4. Effect on negative Vout from 50%/50% loads to 50% then 10% load on negative
Vout.
5. Unit will shut down above approximately 45V but will be undamaged and will
restart when voltage drops into normal range.
6. Recovery time is measured from application of the transient to point at which Vout
is within 1% of final value.
7. Transition time > 10 µS.
8. Tested on release from inhibit.
9. Shall not compromise DC performance.
Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, RHA level O, unless otherwise specified.
DUAL OUTPUT MODELS
SMFL2805D
SMFL2812D
SMFL2815D
unitS
Parameter
cOnDitiOnS
MIN TYP MAx MIN TYP MAx MIN TYP MAx
OutPut VOltage
tc = 25°c
+ VOut
4.95 5.00 5.05
4.92 5.00 5.08
11.88 12.00 12.12
11.82 12.00 12.18
14.85 15.00 15.15
14.77 15.00 15.23
VDc
- VOut
OutPut current2
Vin = 16 tO 40 VDc
each OutPut 0
7
0
10
0
3.5
0
5
0
3.03
0
4.33
a
tOtal OutPut
OutPut POwer
Vin = 16 tO 40 VDc
0
50 0
60 0
65
w
OutPut riPPle
± VOut
10 khz - 2 mhz
50
100 —
50
120 —
50
150
mV p-p
line regulatiOn
VIN = 16 tO 40 VDc
+ VOut
0
50
25
100
0
50
25
100
0
50
25
100
mV
- VOut
lOaD regulatiOn
nO lOaD tO Full
+ VOut
0
50
25
100
10
50
50
120
10
50
150
150
mV
- VOut
crOSS regulatiOn
tc = 25°c
See nOte
3
5
8
3
6
2
4
2
4
2
4
2
4
%
See nOte
4
inPut VOltage
cOntinuOuS
16
28
40
50
16
28
40
50
16
28
40
50
VDc
V
TRANSIENT1, 5 50 ms
inPut current
nO lOaD
50
120
9
14
35
70
50
100
9
14
35
70
50
100
9
14
35
70
mA
inhibiteD–inh1
inhibiteD–inh2
inPut riPPle current
10 khz - 10 mhz
30
50 —
30
50 —
30
80
mA p-p
eFFiciency
tc = 25°c
balanceD lOaD
75
78
— 81
84
— 82
85
%
lOaD Fault
tc = 25°c
ShOrt circuit
POwer DiSSiPatiOn
12.5
16
1.5
4.0
10
14
1.5
4.0
10
14
1.5
4.0
w
ms
recOVery1
SteP lOaD reSPOnSe
± VOut
50% - 100% - 50% tranSient
250
350
1.5
3.0
450
600
1.5
3.0
500
600
1.5
3.0
mV pk
mS
recOVery1, 7
SteP line reSPOnSe1, 6
± VOut
16 - 40 -16 VDc tranSient7
250
300
200
300
250
400
200
300
250
400
200
300
mV pk
µs
recOVery
Start-uP8
Delay
3.5
6 —
3.5
6 —
3.5
6
ms
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 7 of 13
Rev H - 20061102
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt


Similar Part No. - SMFL2805D/HO

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL2805D/HO INTERPION-SMFL2805D/HO Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
More results

Similar Description - SMFL2805D/HO

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
   SMFL Single and Dual DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
   SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com