Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFCS28-461SKH Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # SFCS28-461SKH
Description  SFCS28-461 EMI Input Filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SFCS28-461SKH Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

  SFCS28-461SKH Datasheet HTML 1Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 2Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 3Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 4Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 5Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 6Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 7Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 8Page - Crane Aerospace & Electronics. SFCS28-461SKH Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
claSS H and k, Mil-prF-38534 radiatiOn aSSurance
Notes:
1. Our EMI filters are designed exclusively with passive components providing maximum tolerance for space environ-
ment requirements.
2. Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash)
Radiation Hardness Assurance level of MIL-PRF-38534, which is defined as “no RHA”.
3. Space Prototype (O), non-QML products, do not meet all of the requirements of MIL-PRF-38534.
4. Redmond site, Interpoint, has a Radiation Hardness assurance plan on file with DSCC. Our SMD
products with RHA "H" code meet DSCC requirements.
5. Space filters are only available with Radiation Hardness Assurance (RHA) levels of “O” and “H”.
product leVel aVailability
enVironMental screeninG leVels
space
prototype o class H class K
radiation Hardness
nOn
-QMl3
QMl
QMl
assurance leVels
o2: Standard, no radiation guarantee
OO
HO
N/A
H1, 5: Radiation tolerant – Tested lots
Up to 1,000 K Rads (Si) total dose
N/A
HH4
KH4
Crane Aerospace & Electronics Power Solutions
SFCS EMI Input Filters, Rev B - 20070404. This revision supercedes all previous releases. All technical information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice.
SFCS Series is a trademark of Interpoint. Copyright © 1999 - 2007 Interpoint Corporation. All rights reserved. www.craneae.com
Page 9 of 9
sFcs28-461 eMi input Filters
28 Volt input – 5 aMp


Similar Part No. - SFCS28-461SKH

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405 COSEL-SFCS152405 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405B COSEL-SFCS152405B Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152405C COSEL-SFCS152405C Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SFCS152412 COSEL-SFCS152412 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
More results

Similar Description - SFCS28-461SKH

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
STF28-461 INTERPOINT-STF28-461_07 Datasheet
498Kb / 10P
   STF28-461 EMI Input Filters
logo
Crane Aerospace & Elect...
STF28-461HH CRANE-STF28-461HH Datasheet
800Kb / 10P
   STF28-461 EMI Input Filters
SFMC28-461 CRANE-SFMC28-461 Datasheet
440Kb / 11P
   SFMC28-461 EMI Input Filters
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
logo
Vicor Corporation
QPI-9L VICOR-QPI-9L Datasheet
151Kb / 1P
   VI Chip Input EMI Filters
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com