Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S08A50 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # S08A50
Description  SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S08A50 Datasheet(HTML) 3 Page - Mospec Semiconductor

  S08A50 Datasheet HTML 1Page - Mospec Semiconductor S08A50 Datasheet HTML 2Page - Mospec Semiconductor S08A50 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - S08A50

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
S08A50PT CHENMKO-S08A50PT Datasheet
69Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - S08A50

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S16C30 MOSPEC-S16C30 Datasheet
229Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
S20S30 MOSPEC-S20S30 Datasheet
245Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S50D30 MOSPEC-S50D30 Datasheet
257Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(50A,30-60V)
S30C30 MOSPEC-S30C30 Datasheet
256Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(30A,30-60V)
S10A30 MOSPEC-S10A30 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10C30 MOSPEC-S10C30 Datasheet
222Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com