Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR151-2812 Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part No. HR151-2812
Description  DC/DC Converters 12 & 28 Volt Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR151-2812 Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  HR151-2812 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR151-2812 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR151-2812 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR151-2812 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR151-2812 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR151-2812 Datasheet HTML 6Page - Crane Aerospace & Electronics. HR151-2812 Datasheet HTML 7Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics: 25°C Tc, 28 VDC Vin (12 VDC for 12V models), 100% load, unless otherwise specified.
Notes
1. Minimum load required for full output capability on auxiliary outputs. Minimum current can be reduced when dual outputs are used at reduced
loads.
TRIPLE OUTPUT MODELS
HR153-1212
HR153-1215
HR153-2812
HR153-2815
UnitS
PaRameteR
conDitionS
min
tyP
maX min
tyP
maX min
tyP
maX min
tyP
maX
oUtPUt voltage
fUll
loaD
main
4.95
5.00
5.05
±11.88 ±12 ±12.12
4.95
5.00
5.05
±14.85 ±15 ±15.15
4.95
5.00
5.05
±11.88 ±12 ±12.12
4.95
5.00
5.05
±14.85 ±15 ±15.15
VDC
DUal
oUtPUt cURRent
main1
100
2000
±208
100
2000
±167
100
2000
±208
100
2000
±167
mA
DUal
oUtPUt PoweR
main
10
2.5
15
10
2.5
15
10
2.5
15
10
2.5
15
W
±DUal
total
oUtPUt RiPPle
0 to 1 mHz
main
40
80
20
40
40
80
20
40
40
80
20
40
40
80
20
40
mV p-p
DUal
inPUt voltage
continUoUS
10
22
16
25
10
22
16
25
18
28
36
50
18
28
36
50
VDC
V
tRanSient
50 ms
inPUt cURRent
no loaD
60 —
60 —
50 —
50
mA
inPUt Refl
. RiPPle
0 to 2 mHz
50
100 —
50
100 —
40
80 —
40
80
mA p-p
efficiency
76
79
— 76
79
— 75
79
— 75
79
%
DUAL OUTPUTS
HR152-2812
HR152-2815
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP MAX
UNITS
OUTPUT
VOLTAgE
±11.88 ±12.00 ±12.12 ±14.85 ±15.00 ±15.15
VDC
OUTPUT
CURRENT
0
±625
0
±500
mA
OUTPUT
POWER
15
15
W
OUTPUT
RIPPLE
0 TO 1 MHz
30
50
30
50
mV p-p
INPUT
CONTINUOUS
18
28
36
18
28
36
VDC
VOLTAgE
TRANSIENT 50 ms
50
50
V
INPUT
NO LOAD
35
35
mA
CURRENT
INPUT REFL.
25
50
25
50
mA p-p
RIPPLE
0 TO 2 MHz
EFFICIENCY
75
79
75
79
%
3
hr150 SerieS
20 Watt
DC/DC Converters


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSA2805S DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
DCH0505S DC/DC CONVERTERS 5 OR 28 VOLT INPUT 1  2  3  4  Crane Aerospace & Electronics.
HR41-2812 DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
FMTR2812S EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
HR121-2812 DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
MGA2805S DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
SMHF283R3S DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Interpoint Corporation Company
MHD2805S DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
MHF2812D DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn