Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR41-2812 Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part No. HR41-2812
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

HR41-2812 Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  HR41-2812 Datasheet HTML 1Page - Crane Aerospace & Electronics. HR41-2812 Datasheet HTML 2Page - Crane Aerospace & Electronics. HR41-2812 Datasheet HTML 3Page - Crane Aerospace & Electronics. HR41-2812 Datasheet HTML 4Page - Crane Aerospace & Electronics. HR41-2812 Datasheet HTML 5Page - Crane Aerospace & Electronics. HR41-2812 Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B8-8
CASE C
CASES
CASE C
BOTTOM VIEW
See Figures 9 - 11
for pin configurations.
1.075 max
(27.31)
Materials
Header Case C1
Cold Rolled Steel/Nickel/Gold
Cases C2 and C3
Kovar/Nickel/Tin
Cover
Case C1
Cold Rolled Steel/Nickel
Cases C2 and C3
Kovar/Nickel/Tin
Pins
Case C1
Copper/Nickel/Gold
Cases C2 and C3
Kovar/Nickel/Gold,
matched glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
1.075 max
(27.31)
CAUTION
Heat from reflow or wave soldering may
damage
the
device.
Solder
pins
individually with heat application not
exceeding 300
°C for 10 seconds per
pin.
Dot on top of case
indicates pin one
0.000
0.132
(3.35)
0.932
(23.67)
876
5
4
3
2
1
0.025
(0.64)
dia.
MSA Series: Screening – Standard, ES, or 883
SMSA Series: Screening – Space Standard, H, or K
BOTTOM VIEW CASE C1
Projection Weld
Seam Seal
Squared corner and dot on
top of case indicate pin one.
12
9
10
17
18
0.018
±0.002 dia.
(0.46
±0.05)
Pins equally
spaced
Marker bead
on pin 18
MSR Series: Screening – Standard or ES
HR40 Series: No screening options
BOTTOM VIEW CASE C2
Dot on top of case
indicates pin one
0.100 (2.54)
0.800 (20.32)
0.800 (20.32
12
4
5
9
0.018
±0.002 dia.
(0.46
±0.05)
6
7
MSF EMI Filter: Screening – Standard or ES
8
BOTTOM VIEW CASE C3
Dot on top of case
indicates pin one
0.800 (20.32
3
Seam Seal
FIGURE 9:
CASE C1
FIGURE 10:
CASE C2
FIGURE 11:
CASE C3
FIGURE 8: CASE C
MAXIMUM DIMENSIONS
Note: Although every effort has been
made to render the case drawings at
actual size, variations in the printing
process may cause some distortion.
Please refer to the numerical dimen-
sions for accuracy.


Similar Part No. - HR41-2812

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
HR41-2812 INTERPOINT-HR41-2812 Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR41-2812 INTERPOINT-HR41-2812 Datasheet
91Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - HR41-2812

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
MHD2805S CRANE-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
MHF2812D CRANE-MHF2812D Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz