Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD74HC365 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. CD74HC365
Description  High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC365 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC365 Datasheet HTML 1Page - Texas Instruments CD74HC365 Datasheet HTML 2Page - Texas Instruments CD74HC365 Datasheet HTML 3Page - Texas Instruments CD74HC365 Datasheet HTML 4Page - Texas Instruments CD74HC365 Datasheet HTML 5Page - Texas Instruments CD74HC365 Datasheet HTML 6Page - Texas Instruments CD74HC365 Datasheet HTML 7Page - Texas Instruments CD74HC365 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Functional Diagrams
CD74HC365, CD75HCT365
CD74HC366, CD75HCT366
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OE1
1A
1Y
2A
2Y
3A
GND
3Y
VCC
6A
6Y
5A
5Y
4A
4Y
OE2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OE1
1A
1Y
2A
2Y
3A
GND
3Y
VCC
6A
6Y
5A
5Y
4A
4Y
OE2
TRUTH TABLE
INPUTS
OUTPUTS
(Y)
OE1
OE2
A
HC/HCT365
HC/HCT366
LLL
L
H
LL
H
H
L
XHX
Z
Z
HX
X
Z
Ζ
NOTE:
H = High Voltage Level
L = Low Voltage Level
X = Don’t Care
Z = High Impedance (OFF) State
CD74HC365, CD74HCT365, CD74HC366, CD74HCT366


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn