Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD74HC283 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. CD74HC283
Description  High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC283 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC283 Datasheet HTML 1Page - Texas Instruments CD74HC283 Datasheet HTML 2Page - Texas Instruments CD74HC283 Datasheet HTML 3Page - Texas Instruments CD74HC283 Datasheet HTML 4Page - Texas Instruments CD74HC283 Datasheet HTML 5Page - Texas Instruments CD74HC283 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance, (Notes 5, 6)
CPD
-5
-
82
-
-
-
-
-
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per package.
6. PD = VCC
2 f
i (CPD + CL) where: fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD74HC283, CD74HCT283


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CD54HC283 High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Texas Instruments
SN54LS83A 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  Motorola, Inc
CD54AC283 4-Bit Binary Full Adder with Fast Carry 1  Intersil Corporation
HD74AC283 4-bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
HD74HC83 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
54283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283N 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors
SN54LS283 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  4  Motorola, Inc
54ACT283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
54F283DM 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn