Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDW94C Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BDW94C
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDW94C Datasheet(HTML) 2 Page - Savantic, Inc.

  BDW94C Datasheet HTML 1Page - Savantic, Inc. BDW94C Datasheet HTML 2Page - Savantic, Inc. BDW94C Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BDW94/A/B/C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW94
-45
BDW94A
-60
BDW94B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
BDW94C
IC=0.1A, IB=0
-100
V
VCEsat-1
Collector-emitter saturation voltage
IC=-5A ,IB=-20mA
-2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-10A ,IB=-0.1A
-3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=-5A ,IB=-20mA
-2.5
V
VBEsat-2
Base-emitter saturation voltage
IC=-10A ,IB=-0.1A
-4.0
V
BDW94
VCB=-45V, IE=0
BDW94A
VCB=-60V, IE=0
BDW94B
VCB=-80V, IE=0
ICBO
Collector
cut-off current
BDW94C
VCB=-100V, IE=0
-0.1
mA
BDW94
VCE=-45V, IB=0
BDW94A
VCE=-60V, IB=0
BDW94B
VCE=-80V, IB=0
ICEO
Collector
cut-off current
BDW94C
VCE=-100V, IB=0
-1.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2.0
mA
hFE-1
DC current gain
IC=-3A ; VCE=-3V
1000
hFE-2
DC current gain
IC=-5A ; VCE=-3V
750
20000
hFE-3
DC current gain
IC=-10A ; VCE=-3V
100
VF-1
Forward diode voltage
IF=-5A
-2.0
V
VF-2
Forward diode voltage
IF=-10A
-4.0
V


Similar Part No. - BDW94C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDW94C MOSPEC-BDW94C Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
JILIN SINO-MICROELECTRO...
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
   High frequency switching power supply
logo
Power Innovations Ltd
BDW94C POINN-BDW94C Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDW94C NJSEMI-BDW94C Datasheet
137Kb / 2P
   Silicon PNP Power Transistor
logo
STMicroelectronics
BDW94C STMICROELECTRONICS-BDW94C Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - BDW94C

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com