Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDW93B Datasheet(PDF) 1 Page - Savantic, Inc.

Part # BDW93B
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDW93B Datasheet(HTML) 1 Page - Savantic, Inc.

  BDW93B Datasheet HTML 1Page - Savantic, Inc. BDW93B Datasheet HTML 2Page - Savantic, Inc. BDW93B Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BDW93/A/B/C
DESCRIPTION
·With TO-220C package
·High DC Current Gain
·DARLINGTON
·Complement to type BDW94/A/B/C
APPLICATIONS
·Hammer drivers,
·Audio amplifiers applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BDW93
45
BDW93A
60
BDW93B
80
VCBO
Collector-base voltage
BDW93C
Open emitter
100
V
BDW93
45
BDW93A
60
BDW93B
80
VCEO
Collector-emitter voltage
BDW93C
Open base
100
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current-DC
12
A
ICM
Collector current-Pulse
15
A
IB
Base current
0.2
A
PC
Collector power dissipation
TC=25
80
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.5
/W


Similar Part No. - BDW93B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDW93B MOSPEC-BDW93B Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW93B POINN-BDW93B Datasheet
147Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW93B FAIRCHILD-BDW93B Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
logo
Bourns Electronic Solut...
BDW93B BOURNS-BDW93B Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDW93B MCC-BDW93B Datasheet
428Kb / 2P
   NPN Silicon Power Transistors
More results

Similar Description - BDW93B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com