Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE171 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # MJE171
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

MJE171 Datasheet(HTML) 2 Page - Savantic, Inc.

  MJE171 Datasheet HTML 1Page - Savantic, Inc. MJE171 Datasheet HTML 2Page - Savantic, Inc. MJE171 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
MJE170/171/172
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJE170
-40
MJE171
-60
V(BR)CEO
Collector-emitter
breakdown voltage
MJE172
IC=-10mA;IB=0
-80
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=-500mA ;IB=-50mA
-0.3
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=-1.5A ;IB=-150mA
-0.9
V
VCE(sat)-3
Collector-emitter saturation voltage
IC=-3A ;IB=-600mA
-1.7
V
VBE(sat)-1
Base-emitter saturation voltage
IC=-1.5A ;IB=-150mA
-1.5
V
VBE(sat)-2
Base-emitter saturation voltage
IC=-3A ;IB=-600mA
-2.0
V
VBE
Base-emitter on voltage
IC=-500mA ; VCE=-1V
-1.2
V
MJE170
VCB=-60V; IE=0
TC=150
-0.1
-0.1
µA
mA
MJE171
VCB=-80V; IE=0
TC=150
-0.1
-0.1
µA
mA
ICBO
Collector cut-off current
MJE172
VCB=-100V; IE=0
TC=150
-0.1
-0.1
µA
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-0.1
µA
hFE-1
DC current gain
IC=-100mA ; VCE=-1V
50
250
hFE-2
DC current gain
IC=-500mA ; VCE=-1V
30
hFE-3
DC current gain
IC=-1.5A ; VCE=-1V
12
fT
Transition frequency
IC=-100mA ; VCE=-10V
50
MHz
COB
Output capacitance
IE=0 ; VCB=-10V,f=0.1MHz
50
pF


Similar Part No. - MJE171

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE171 MOSPEC-MJE171 Datasheet
228Kb / 4P
   POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Jiangsu Changjiang Elec...
MJE171 JIANGSU-MJE171 Datasheet
687Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
SeCoS Halbleitertechnol...
MJE171 SECOS-MJE171 Datasheet
110Kb / 3P
   PNP General Purpose Transistor
logo
ON Semiconductor
MJE171 ONSEMI-MJE171 Datasheet
172Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 2
More results

Similar Description - MJE171

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com