Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD239C Datasheet(PDF) 1 Page - Savantic, Inc.

Part # BD239C
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD239C Datasheet(HTML) 1 Page - Savantic, Inc.

  BD239C Datasheet HTML 1Page - Savantic, Inc. BD239C Datasheet HTML 2Page - Savantic, Inc. BD239C Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD239/A/B/C
DESCRIPTION
With TO-220C package
·Complement to type BD240/A/B/C
APPLICATIONS
·For medium power linear and
switching applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD239
55
BD239A
70
BD239B
90
VCBO
Collector-base voltage
BD239C
Open emitter
115
V
BD239
45
BD239A
60
BD239B
80
VCEO
Collector-emitter voltage
BD239C
Open base
100
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
2
A
ICM
Collector current-peak
4
A
IB
Base current
0.6
A
PC
Collector power dissipation
TC=25
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150


Similar Part No. - BD239C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD239C POINN-BD239C Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD239C NJSEMI-BD239C Datasheet
128Kb / 2P
   Silicon NPN Power Transistor
logo
STMicroelectronics
BD239C STMICROELECTRONICS-BD239C Datasheet
32Kb / 4P
   NPN SILICON POWER TRANSISTOR
April 1999
logo
Fairchild Semiconductor
BD239C FAIRCHILD-BD239C Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD239C BOURNS-BD239C Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - BD239C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com