Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC74M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC74M
Description  Dual D-Type Flip-Flop with Set and Reset Positive-Edge-Triggered
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC74M Datasheet(HTML) 6 Page - Texas Instruments

  CD74AC74M Datasheet HTML 1Page - Texas Instruments CD74AC74M Datasheet HTML 2Page - Texas Instruments CD74AC74M Datasheet HTML 3Page - Texas Instruments CD74AC74M Datasheet HTML 4Page - Texas Instruments CD74AC74M Datasheet HTML 5Page - Texas Instruments CD74AC74M Datasheet HTML 6Page - Texas Instruments CD74AC74M Datasheet HTML 7Page - Texas Instruments CD74AC74M Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Propagation Delay, R, StoQ, QtPLH
1.5
-
-
120
-
-
132
ns
3.3
3.8
-
13.4
3.7
-
14.7
ns
5
2.7
-
9.5
2.6
-
10.5
ns
tPHL
1.5
-
-
131
-
-
144
ns
3.3
4.1
-
14.6
4
-
16.1
ns
5
3
-
10.4
2.9
-
11.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 16)
-
-
55
-
-
55
-
pF
ACT TYPES
Propagation Delay, CP to Q, QtPHL
tPLH
5
(Note 15)
2.5
-
8.6
2.4
-
9.5
ns
Propagation Delay, R, StoQ, QtPLH
5
3
-
10.5
2.9
-
11.5
ns
tPHL
5
3.2
-
11.4
3.1
-
12.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 16)
-
-
55
-
-
55
-
pF
NOTES:
13. Limits tested 100%.
14. 3.3V Min at 3.6V, Max at 3V.
15. 5V Min at 5.5V, Max at 4.5V.
16. CPD is used to determine the dynamic power consumption per flip-flop.
PD =CPDVCC
2 f
i + Σ (CLVCC
2 f
o)+VCC ∆ICC where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC =
supply voltage.
FIGURE 1.
FIGURE 2.
FIGURE 3.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT LEVEL
CP
GND
Q OR Q
VS
tW
tPHL
tPLH
VS
VS
VS
VS
INPUT LEVEL
GND
INPUT
CP
R (S)
VS
tW
tREM
tPLH
Q
(Q)
Q
(Q)
VS
VS
VS
INPUT LEVEL
GND
D
CP
VS
tSU(L)
tH(L)
tH(H)
tSU(H)
VS
VS
VS
VS
VS
INPUT LEVEL
GND
CD74AC74, CD74ACT74


Similar Part No. - CD74AC74M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC74M TI-CD74AC74M Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC74M TI1-CD74AC74M Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD74AC74M TI1-CD74AC74M Datasheet
681Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC74M96 TI-CD74AC74M96 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC74M96 TI1-CD74AC74M96 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - CD74AC74M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS109A PHILIPS-74ALS109A Datasheet
93Kb / 9P
   Dual J-K positive edge-triggered flip-flop with set and reset
1991 Feb 08
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com