Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74FCT540 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74FCT540
Description  BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT540 Datasheet(HTML) 6 Page - Texas Instruments

  CD74FCT540 Datasheet HTML 1Page - Texas Instruments CD74FCT540 Datasheet HTML 2Page - Texas Instruments CD74FCT540 Datasheet HTML 3Page - Texas Instruments CD74FCT540 Datasheet HTML 4Page - Texas Instruments CD74FCT540 Datasheet HTML 5Page - Texas Instruments CD74FCT540 Datasheet HTML 6Page - Texas Instruments CD74FCT540 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8-6
Test Circuits and Waveforms
NOTE:
8. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; ZOUT ≤ 50Ω;
tf, tr ≤ 2.5ns.
FIGURE 1. TEST CIRCUIT
FIGURE 2. ENABLE AND DISABLE TIMING
FIGURE 3. PROPAGATION DELAY
NOTES:
9. VOLP is measured with respect to a ground reference near the output under test. VOHV is measured with respect to VOH.
10. Input pulses have the following characteristics:
PRR ≤ 1MHz, tr = 2.5ns, tf = 2.5ns, skew 1ns.
11. R.F. fixture with 700MHz design rules required. IC should be soldered into test board and bypassed with 0.1
µF capacitor. Scope and
probes require 700MHz bandwidth.
FIGURE 4. SIMULTANEOUS SWITCHING TRANSIENT WAVEFORMS
3V
0
DUT
PULSE ZO
GEN
7V
500
50pF
500
VCC
RT
RT = ZO
V0
CL
RL
RL
VI
tr, tf = 2.5ns
(NOTE 8)
SWITCH POSITION
TEST
SWITCH
tPLZ, tPZL, Open Drain
Closed
tPHZ, tPZH, tPLH, tPHL
Open
DEFINITIONS:
CL = Load capacitance, includes jig and probe
capacitance.
RT = Termination resistance, should be equal to ZOUT of
the Pulse Generator.
VIN = 0V to 3V.
Input: tr =tf = 2.5ns (10% to 90%), unless otherwise specified
3V
1.5V
0V
CONTROL INPUT
OUTPUT
NORMALLY LOW
OUTPUT
NORMALLY HIGH
SWITCH
OPEN
tPZL
3.5V
1.5V
1.5V
0V
tPLZ
tPHZ
tPZH
0V
3.5V
0.3V
0.3V
VOL
VOH
SWITCH
CLOSED
ENABLE
DISABLE
1.5V
3V
0V
1.5V
3V
0V
tPLH
SAME PHASE
INPUT TRANSITION
tPHL
tPLH
tPHL
OPPOSITE PHASE
INPUT TRANSITION
OUTPUT
1.5V
VOH
VOL
OTHER
OUTPUTS
OUTPUT
UNDER
TEST
VOH
VOL
VOH
VOHV
VOLP
VOL


Similar Part No. - CD74FCT540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT541 TI1-CD74FCT541 Datasheet
507Kb / 12P
[Old version datasheet]   BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541E TI1-CD74FCT541E Datasheet
507Kb / 12P
[Old version datasheet]   BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541EE4 TI1-CD74FCT541EE4 Datasheet
507Kb / 12P
[Old version datasheet]   BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541M TI1-CD74FCT541M Datasheet
507Kb / 12P
[Old version datasheet]   BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
CD74FCT541ME4 TI1-CD74FCT541ME4 Datasheet
507Kb / 12P
[Old version datasheet]   BiCMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CD74FCT540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74FCT240 TI-CD54-74FCT240 Datasheet
20Kb / 3P
[Old version datasheet]   FCT Interface Logic Octal Buffers/Line Drivers, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT564 TI-CD74FCT564 Datasheet
29Kb / 5P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
logo
Aeroflex Circuit Techno...
UT54ACS244 AEROFLEX-UT54ACS244 Datasheet
232Kb / 10P
   Octal Buffers & Line Drivers, Three-State Outputs
logo
Texas Instruments
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
[Old version datasheet]   FCT Interface Logic Octal Transparent Latch, Three-State
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com