Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SB1291 Datasheet(PDF) 1 Page - Savantic, Inc.

Part No. 2SB1291
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAVANTIC [Savantic, Inc.]
Homepage  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB1291 Datasheet(HTML) 1 Page - Savantic, Inc.

  2SB1291 Datasheet HTML 1Page - Savantic, Inc. 2SB1291 Datasheet HTML 2Page - Savantic, Inc. 2SB1291 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1291
DESCRIPTION
·With TO-220C package
·Low saturation voltage
·Complement to type 2SD1720
·Excellent DC current gain characteristics
·Wide area of safe operation
APPLICATIONS
·For use in low frequency power amplifier
applications,power drivers and DC-DC
converters
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector
3
Base
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-60
V
VCEO
Collector-emitter voltage
Open base
-60
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current (DC)
-5
A
ICM
Collector current-Peak
-10
A
TC=25
40
PC
Collector power dissipation
Ta=25
2
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-220) and symbol


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
BD676PNP DARLIGNTON POWER SILICON TRANSISTORS 1 2 3 TRANSYS Electronics Limited
2SA985Silicon PNP Power Transistors 1 2 3 Inchange Semiconductor Company Limited
2SA1185Silicon PNP Power Transistors 1 2 3 Inchange Semiconductor Company Limited
2SA626Silicon PNP Power Transistors 1 2 3 Inchange Semiconductor Company Limited
2SA971Silicon PNP Power Transistors 1 2 3 Inchange Semiconductor Company Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn