Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2100S Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part No. 2100S
Description  Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com
Logo 

2100S Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D200-54-00
2
I56-710-14R
The detectors also include an output that allows an option-
al Model RA400Z Remote Annunciator to be connected.
Mounting
Each 2100S and 2100TS detector is supplied with a mount-
ing bracket that permits the detector to be mounted:
1. To a single gang box, or
2. Directly to a 31/2-inch or 4-inch octagonal box, or
3. To a 4 inch square electrical box by using a plaster ring.
4. Directly to the ceiling using drywall anchors, if permit-
ted by local codes and/or the authority having jurisdic-
tion.
Tamper-resistance Feature
This detector includes a tamper-resistant feature that pre-
vents its removal from the bracket without the use of a tool.
To make the detector tamper-resistant, remove the smaller
tab by breaking it at the scribed line on the tamper-resist-
ant tab on the detector mounting bracket (see Figure 2),
then install the detector. To remove the detector from the
bracket once it has been made tamper resistant,
use a
small screwdriver to depress the tamper-resistant tab, locat-
ed in the slot on the mounting bracket, and turn the detec-
tor counterclockwise.
Wiring Installation Guidelines
All wiring must be installed in compliance with the
National Electrical Code, applicable local codes, and any
special requirements of the local authority having jurisdic-
tion. Proper wire gauges should be used. The conductors
used to connect smoke detectors to control panels and
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
Figure 1. Surface mounting of 2100S smoke detec-
tor on 3 1/2-inch and 4-inch octagonal box:
A78-2563-00
accessory devices should be color-coded to reduce the like-
lihood of wiring errors. Improper connections can prevent
a system from responding properly in the event of a fire.
The screw terminal block will accept 14 – 22 gauge wire.
For best system performance, all wiring should be installed
in separate grounded conduit; do not mix fire system
wiring in the same conduit as any other electrical wiring.
Twisted pair may be used to provide additional protection
against extraneous electrical interference.
Wire connections are made by stripping about 1/4 inch of
insulation from the end of the feed wire, inserting the wire
into the appropriate terminal, and tightening the screw to
secure the wire in place.
System Sensor smoke detectors are marked with a compat-
ibility identifier located as the last digit of a five digit code
stamped on the back of the product. Connect detectors only
to compatible control units as indicated in System Sensor’s
compatibility chart which contains a current list of UL list-
ed compatible control units and detectors. A copy of this
list is available from System Sensor upon request.
Installation
Remove power from the control unit or initiating-device
circuits before installing detectors.
1. Wire the plug-in screw terminal block per Figure 3 and
plug the terminal block into the detector.
2. Align the arrows on the detector with the arrows on the
mounting bracket.
3. Turn the detector clockwise in the mounting bracket
until it clicks into place.
4. After all detectors have been installed, apply power to
the control unit or initiating-device circuits.
5. Test the detector as described in TESTING. (See page 3.)
6. Reset the detector at the system control panel.
7. Notify the proper authorities the system is in operation.
Figure 2. 2100S and 2100TS smoke detector mounting bracket:
A78-2333-01
TAMPER SLOT
(DEPRESS TAB TO
REMOVE DETECTOR)
TAMPER RESISTANT TAB
(CUT OFF SMALL TAB TO
ACTIVATE TAMPER-RESIST
FEATURE)
ALIGNMENT
ARROWS
C OVER
REMOVAL
WARNING


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1851BSMOKE DETECTORS 1 2 Systemsensor advanced ideas.
1151Low Profile Ionization Plug-in Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
72247For Duct Smoke Detectors 1 2 List of Unclassifed Manufacturers
2W-BPhotoelectric Smoke Detectors 1 2 Systemsensor advanced ideas.
2400ATDirect Wire Photoelectronic with Fixed Heat Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
2WTA-BSmoke Detectors with Sounder and Relay Option 1 2 Systemsensor advanced ideas.
2412ATDirect Wire Photoelectronic with Fixed Heat Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
2100Photoelectronic Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn