Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2100D Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 2100D
Description  Photoelectronic Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2100D Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  2100D Datasheet HTML 1Page - Systemsensor advanced ideas. 2100D Datasheet HTML 2Page - Systemsensor advanced ideas. 2100D Datasheet HTML 3Page - Systemsensor advanced ideas. 2100D Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D200-54-00
1
I56-710-09
2100D and 2100TD Photoelectronic
Smoke Detectors
INSTALLATION AND MAINTENANCE INSTRUCTIONS
A Division of Pittway
3825 Ohio Avenue, St. Charles, Illinois 60174
1-800-SENSOR2, FAX: 630-377-6495
Before Installing
Please thoroughly read System Sensor manual I56-407,
Guide for Proper Use of System Smoke Detectors, which
provides detailed information on detector spacing, place-
ment, zoning, wiring, and special applications. Copies of
this manual are available at no charge from System Sensor.
NOTICE: This manual should be left with the owner/user
of this equipment.
IMPORTANT: This detector must be tested and maintained
regularly following NFPA 72 requirements. The detector
should be cleaned at least once a year.
General Description
Model 2100D is a 2-wire photoelectronic smoke detector
that uses a state-of-the-art optical sensing chamber. This
detector is designed to provide open area protection and
to be used with compatible UL-listed panels only. Model
2100TD features a restorable, built-in, fixed-temperature
(135°F) thermal detector.
Specifications
Diameter:
5.5 inches (140 mm)
Height (including mounting bracket):
1.7 inches (43 mm)
Weight:
5.3 oz. (150 g)
Operating Temperature Range:
Model 2100D:
32° to 120°F (0° to 50°C)
Model 2100TD: 32° to 100°F (0° to 39°C)
Operating Humidity Range:
10% to 93% Relative Humidity, Noncondensing
Latching Alarm:
Reset by momentary power interruption
Heat Sensor (Model 2100TD only):
135°F Fixed Temperature Electronic Thermistor
Electrical Ratings
System Voltage –
Nominal:
12 or 24 VDC
Minimum:
8.5 VDC
Maximum:
35 VDC
Maximum Ripple Voltage:
30% of nom. Voltage (peak to peak)
Start-up Capacitance:
0.02 µF maximum
Standby Current:
50 µA maximum
Alarm Ratings:
4.2 VDC minimum at 10 mA.
6.6 VDC maximum at 100 mA.
(Alarm current must be limited to 100 mA maximum by the control panel. If
used, the RA400Z Remote Annunciator operates within the specified detector
alarm currents.)
Reset Voltage:
2.5 VDC minimum
Reset Time:
0.3 seconds maximum
Start-up Time:
30 seconds maximum (after 60 second reset)
Installation of these detectors is simplified by the use of a
mounting bracket and a plug-in screw terminal block that
can be prewired to the system, allowing the detector to be
easily installed or removed for cleaning. The detector’s
sensitivity can be tested in place using the MOD400R Test
Module. An LED on the detector provides a local visual
indication of the detector’s status. If power is applied to
the detector, and it is functioning normally in standby, the
status LED blinks every ten seconds. The LED also latches
on in alarm.
Models 2100D and 2100TD feature a visual indication that
maintenance is required – if the sensing chamber drifts out
of its sensitivity limits, the LED ceases to blink.
The detectors also include an output that allows an optional
Model RA400Z Remote Annunciator to be connected.


Similar Part No. - 2100D

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
logo
Christian Bürkert GmbH ...
2100 BURKERT-2100 Datasheet
968Kb / 13P
   Pneumatic control unit for decentralised automation of process valves ELEMENT
07.03.2024
logo
Tyco Electronics
2100 MACOM-2100 Datasheet
285Kb / 3P
   Miniature Electropneumatic Timing Relay
logo
Christian Bürkert GmbH ...
2100 BURKERT-2100 Datasheet
2Mb / 20P
   Modular process valve cluster – distributor and collector
06.03.2024
logo
Make-Ps
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 2100D

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2400AT SYSTEMSENSOR-2400AT Datasheet
196Kb / 4P
   Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2412AT SYSTEMSENSOR-2412AT Datasheet
195Kb / 4P
   Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
   SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
   SMOKE DETECTORS
logo
Gamewell-FCI by Honeywe...
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com