Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSA2805D/883 Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part No. MSA2805D/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSA2805D/883 Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

  MSA2805D/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MSA2805D/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MSA2805D/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MSA2805D/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MSA2805D/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MSA2805D/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MSA2805D/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MSA2805D/883 Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
MSA SERIES
5 WATT
DC/DC CONVERTERS
CASE C
BOTTOM VIEW
See Figure 20
for pin configurations.
1.075 max
(27.31)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Cold Rolled Steel/Nickel
Pins
Copper/Nickel/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
1.075 max
(27.31)
CAUTION
Heat from reflow or wave soldering may
damage
the
device.
Solder
pins
individually with heat application not
exceeding 300
°C for 10 seconds per
pin.
Dot on top of case
indicates pin one
0.000
0.132
(3.35)
0.932
(23.67)
876
5
4
3
2
1
0.025
(0.64)
dia.
MSA Series: Screening – Standard, ES, or 883
BOTTOM VIEW CASE C1
Projection Weld
Seam Seal
Squared corner and dot on
top of case indicate pin one.
FIGURE 20: CASE C1
FIGURE 19: CASE C MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FMTR2812S EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
MGA2805S DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
MHD2805S DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
SMHF283R3S DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Interpoint Corporation Company
MHF2812D DC/DC CONVERTERS 28 VOLT INPUT 1  2  3  4  5  More Crane Aerospace & Electronics.
PTB48560A 30-W 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING 1  2  3  4  5  More Texas Instruments
ASD35 5V Input 3 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
S7AH-10J NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A 1  2  Bel Fuse Inc.
S7AH-06E NON-ISOLATED DC/DC CONVERTERS 4.5 - 13.2V Input / 1.0 - 3.3V Output / 6A 1  2  3  Bel Fuse Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn