Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP180-60PLA Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP180-60PLA
Description  180 Watts Flex ATX12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP180-60PLA Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP180-60PLA Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90~264V AC, Full Range Input
Frequency: 47~63Hz
Input Current: 4A (RMS) @115V AC, 2A (RMS) @230V AC
Inrush Current: 50A Max for 115V AC, 80A Max for 230V
AC Cold start
Features
Complied with Flex ATX and ATX12V standard
Active Power Factor Correction Meeting with EN61000-3-2
High efficiency and reliability
Remote On/Off function
Internal 12V DC fan included
Noise Killer (Thermal fan speed control function)
Low noise and ripple
Complies with FCC part 15 subpart J Class B and CISPR 22
Class B
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Approved by UL 1950, CSA C22.2 Level 3, TUV EN60950,
NEMKO (CB Report), CE
Sparkle Power Inc.
A Leading Power Supply manufacturer
Web site: www.sparklepower.com
FSP180-60PLA(SI)
180 Watts Flex ATX12V Switching Power Supply
Specification
Temperature Range: Operating 0° C ~ +50° C on full
load; storage & shipping -20° C ~ +80° C
Humidity: 95% on operating and 95% on storage
Dielectric Withstand: Input to frame ground 1800V AC
for 1 second
Efficiency: 68% at minimum measured at nominal AC
main voltage and frequency with maximum load on all
output
Rise Time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ms to 500
ms, off delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Not exceed 0.75mA at 115V AC, 60Hz
MTBF: 100,000 hours on maximum load at +25° C degree
Dimension (WxHxL): 82x62.7x150mm/3.2”x2.5”x6”
inches
Output Characteristics
Output Voltage
Minimum Load
Maximum
Load
Peak
Load
Reg.
Line
Reg.
Ripple & Noise
+3.3V
0.3A
17.0A
± 5%
± 1%
50mV P-P
+5V
0.3A
12.0A
± 5%
± 1%
50mV P-P
+12V
1.5A
12.0A
13A
± 5%
± 1%
120mV P-P
-5V
0.0A
0.2A
± 10%
± 2%
120mV P-P
-12V
0.0A
0.8A
± 10%
± 2%
120mV P-P
+5Vsb
0.0A
2.0 A
± 5%
± 1%
50mV P-P
*+5V and +3.3V total output not exceed 61W
*+3.3V, +5V, and +12V total output cannot exceed 160W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645


Similar Part No. - FSP180-60PLA

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP180-60SAV SPI-FSP180-60SAV Datasheet
73Kb / 1P
   180 Watts TFX12V Switching Power Supply
FSP180-60SPV SPI-FSP180-60SPV Datasheet
75Kb / 1P
   180 Watts PS3 Size ATX12V Switching Power Supply
More results

Similar Description - FSP180-60PLA

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP180-50PLA SPI-FSP180-50PLA Datasheet
675Kb / 2P
   180 Watts Flex ATX12V Switching Power Supply
FSP180-60SPV SPI-FSP180-60SPV Datasheet
75Kb / 1P
   180 Watts PS3 Size ATX12V Switching Power Supply
FSP160-60PLF1 SPI-FSP160-60PLF1 Datasheet
75Kb / 1P
   160 Watts Flex ATX12V Switching Power Supply
FSP200-50PLA SPI-FSP200-50PLA Datasheet
660Kb / 2P
   200 Watts Flex ATX12V Switching Power Supply
FSP200-60SAV SPI-FSP200-60SAV Datasheet
75Kb / 1P
   200 Watts Flex ATX12V Switching Power Supply
FSP240-60PLA SPI-FSP240-60PLA Datasheet
79Kb / 1P
   240 Watts Flex ATX12V Switching Power Supply
FSP200-50PL SPI-FSP200-50PL Datasheet
72Kb / 1P
   200 Watts Flex ATX12V Switching Power Supply
FSP200-50PLF SPI-FSP200-50PLF Datasheet
74Kb / 1P
   200 Watts Flex ATX12V Switching Power Supply
FSP250-60SV SPI-FSP250-60SV Datasheet
75Kb / 1P
   250 Watts Flex ATX12V Switching Power Supply
FSP250-50LCPLB SPI-FSP250-50LCPLB Datasheet
144Kb / 1P
   250 Watts ATX12V, Flex Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com