Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MHD2805S Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part No. MHD2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHD2805S Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MHD2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 9Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
B2-52
MHD SERIES
20 WATT
DC/DC CONVERTERS
FIGURE 13
Vin
+Vout
–Vout
50ms/div
16 TO 40V
MHD2815D Step Line Response
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 12
500
µs/div
MHD2805S Turn On Into No Load
Vin
Vout
–Pout = 10 W
5 W to 10 W
10 W to 5 W
50
µs/div
25% to 50% to 25%
MHD2815D +Vout Step Load Response
FIGURE 14
200
µs/div
MHD2815D Turn On Into No Load
Vin
+Vout
–Vout
FIGURE 11
FIGURE 15
13.0
13.5
14.0
14.5
15.0
15.5
16.0
912
15
Output Power (Watts)
Low Line Dropout vs. Load
21222-001-DTS Rev A
DQ# 1008
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. MHD Series is a trademark of Interpoint.
Copyright © 1994 - 1999 Interpoint. All rights reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn