Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MHD2805S Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part No. MHD2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHD2805S Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MHD2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
B2-51
MHD SERIES
20 WATT
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 5
FIGURE 6
60
85
80
75
70
65
510
15
16V
40V
28V
Output Power (Watts)
MHD2805S Efficiency
FIGURE 2
60
85
80
75
70
65
5
16V
28V
40V
10
15
20
Output Power (Watts)
MHD2812S Efficiency
FIGURE 3
FIGURE 4
FIGURE 8
FIGURE 9
62
87
82
77
72
67
5
16V
28V
40V
10
15
20
Output Power (Watts)
MHD2815S Efficiency
60
85
80
75
70
65
510
15
40V
16V
Output Power (Watts)
MHD2812D Efficiency
28V
65
90
85
80
75
70
510
15
40V
28V
16V
Output Power (Watts)
MHD2815D Efficiency
0
20
40
60
80
100
0.1
1
10
100
Frequency (kHz)
MHD Series Audio Rejection
15 W to 7.5 W
7.5 W to 15 W
50
µs/div
50% to 100% to 50%
MHD2805S Step Load Response
15 W to 1.5 W
1.5 W to 15 W
50
µs/div
10% to 100% to 10%
MHD2805S Step Load Response
FIGURE 7
FIGURE 10
50
µs/div
(16 TO 40V)
MHD2805S Step Line Response
Vin
Vout


Similar Part No. - MHD2805S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MHD2805S INTERPOINT-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
MHD2805SF/883 INTERPOINT-MHD2805SF/883 Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHD2805S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
MHF2812D CRANE-MHF2812D Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz