Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MHD2805S Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part No. MHD2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHD2805S Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MHD2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SMD NUMBERS
STANDARD MICROCIRCUIT
MHD SIMILAR
DRAWING (SMD)
MODEL NUMBER
NON-FLANGED CASE
5962–9465501HXC
MHD2805S/883
5962–9465601HXC
MHD2812S/883
5962–9465701HXC
MHD2815S/883
5962–9465801HXC
MHD2818S/883
5962–9465901HXC
MHD2805D/883
5962–9466001HXC
MHD2812D/883
5962–9466101HXC
MHD2815D/883
FLANGED CASE
5962–9465501HZC
MHD2805SF/883
5962–9465601HZC
MHD2812SF/883
5962–9465701HZC
MHD2815SF/883
5962–9465801HZC
MHD2818SF/883
5962–9465901HZC
MHD2805DF/883
5962–9466001HZC
MHD2812DF/883
5962–9466101HZC
MHD2815DF/883
B2-50
MHD SERIES
20 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
MHD
28 12 S
F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Case Option
(Non-flanged case has no designator in
this position)
(Standard screening has no designator
in this position.)
PIN OUT
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Inhibit
Inhibit
3
No Connection
Positive Output
4
Output Common
Output Common
5
Positive Output
Negative Output
6
Case Ground
Case Ground
7
Case Ground
Case Ground
8
Case Ground
Case Ground
9
Sync Input
Sync Input
10
Input Common
Input Common
Dot on top of cover indicates pin one.
BOTTOM VIEW
MHD
FLANGED AND NON-FLANGED
Dotted line outlines flanged package option.
12
6
10
345
7
8
9
For exact specifications for an SMD product, refer to the SMD drawing. See
Section A3, SMDs, for more information.
See Section B8, cases H2 and K3 for dimensions.
FIGURE 1: PIN OUT


Similar Part No. - MHD2805S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MHD2805S INTERPOINT-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
MHD2805SF/883 INTERPOINT-MHD2805SF/883 Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHD2805S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
MHF2812D CRANE-MHF2812D Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz