Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MHD2805S Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part No. MHD2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHD2805S Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MHD2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHD2805S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DUAL OUTPUT MODELS
MHD2805D
MHD2812D
MHD2815D
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE1
+VOUT
4.95
5.00
5.05
11.88
12.00
12.12
14.85
15.00
15.15
VDC
–VOUT
4.925
5.00
5.075
11.82
12.00
12.18
14.77
15.00
15.23
OUTPUT CURRENT1,2
VIN = 16 TO 40 VDC
0.30
3.0
0.13
1.25
0.10
1.00
A
OUTPUT POWER1,2
VIN = 16 TO 40 VDC
0
15
0
15
0
15
W
OUTPUT RIPPLE
10 kHz - 2 MHz
20
50
30
80
25
80
mV p-p
VOLTAGE +/– VOUT
Tc = –55°C TO +125°C
40
80
40
120
40
120
LINE REGULATION3
Tc = –55°C
+VOUT
10
50
10
50
10
50
mV
VIN = 16 TO 40 VDC
TO +125°C
–VOUT
50
100
50
150
50
180
LOAD REGULATION
Tc = –55°C
+VOUT
5
50
15
50
15
50
mV
NO LOAD TO FULL
TO +125°C
–VOUT
25
100
30
150
30
180
CROSS REGULATION
SEE NOTE 4
7
12
4
8.3
3
8
%
EFFECT ON –VOUT
SEE NOTE5
4
6
4
6
4
6
INPUT VOLTAGE1
CONTINUOUS
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
0
50
0
50
0
50
V
INPUT CURRENT
NO LOAD1
35
75
50
75
50
75
mA
FULL LOAD
0.70
0.88
0.86
A
INHIBITED1
—7
8
7
8
7
8
mA
INPUT RIPPLE
CURRENT1
10 kHz - 10 MHz
15
50
20
50
20
50
mA p-p
EFFICIENCY
76
78
79
81
80
83
%
LOAD FAULT6
POWER DISSIPATION
SHORT CIRCUIT
10
10
10
W
RECOVERY1, 7
1.4
5.0
1.4
5.0
1.4
5.0
ms
STEP LOAD
TRANSIENT
RESPONSE ± VOUT
50 – 100 – 50%
±200
±300
±150
±300
±200
±400
mV pk
10 – 100 –10%
±400
±600
±200
±400
±300
±500
RECOVERY7
50 – 100 – 50%
100
200
100
200
100
200
10 – 100 – 10%
400
600
100
200
200
250
µs
STEP LINE
16 – 40 – 16 VIN
RESPONSE ± VOUT
TRANSIENT8
±200
±400
±200
±400
±400
±500
mV pk
RECOVERY7
300
300
300
µs
START–UP
DELAY
1.4
5
1.4
5
1.4
5
ms
OVERSHOOT
0
50
0
120
0
150
mV pk
NO LOAD
50
250
120
600
150
750
B2-49
MHD SERIES
20 WATT
DC/DC CONVERTERS
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. Tc = –55°C to +125°C.
2. Up to 90% of the total output current/power is available from either output
The minimum load on the positive output is 10% of full load.
3. Operation is limited below 16 V (see Figure 15).
4. Effect
on
the
negative
output
under
the
following
conditions:
+Pout 20% to 80%; –Pout 80% to 20%
5. Effect
on
the
negative
output
under
the
following
conditions:
+Pout 50%; –Pout 10% to 50%
6. Indefinite short circuit protection not guaranteed above 125°C case.
7. Recovery time is measured from application of the transient to point at which
Vout is within 1% of final value.
8. Transition time
≥ 10 µs.


Similar Part No. - MHD2805S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MHD2805S INTERPOINT-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
MHD2805SF/883 INTERPOINT-MHD2805SF/883 Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHD2805S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
MHF2812D CRANE-MHF2812D Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz