Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA2805S Datasheet(PDF) 5 Page - Crane Aerospace & Electronics.

Part No. MGA2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGA2805S Datasheet(HTML) 5 Page - Crane Aerospace & Electronics.

  MGA2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD NUMBERS
PIN OUT
TOP VIEW
MGA
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
19
20
Differently colored glass bead around pin one or dimple in
header (bottom of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
B2-85
MGA SERIES
5 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
MGA
28 12 S
Z / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Gull Wing Lead Option
(Straight leaded case has no designator
in this position.)
(Standard screening has no designator
in this position.)
Pin
Single Output
Dual Output
1
Inhibit
Inhibit
2, 3
Positive Input
Positive Input
4
No connection
No connection
5, 6
Input Common
Input Common
7, 8
Case Ground
Case Ground
9, 10
No connection
No connection
11, 12 Positive Output
Positive Output
13
Positive Output
Output Common
14
Output Common
Output Common
15, 16 Output Common
Negative Output
17, 18 No connection
No connection
19, 20 Case Ground
Case Ground
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 9
FIGURE 11
OUTPUT POWER (Watts)
MGA2815D
EFFICIENCY vs LINE & LOAD
30
80
40V
70
60
50
40
123456
16V
28V
MGA2815D
30
40
50
60
70
1
AUDIO REJECTION
10
0.1
FREQUENCY (kHz)
OUTPUT POWER (Watts)
MGA2805S
EFFICIENCY vs LINE & LOAD
30
80
40V
70
60
50
40
123456
16V
28V
FIGURE 6
OUTPUT POWER (Watts)
MGA2812S
EFFICIENCY vs LINE & LOAD
30
80
40V
70
60
50
40
123456
16V
28V
FIGURE 7
30
40
50
60
70
1
AUDIO REJECTION
10
0.1
FREQUENCY (kHz)
MGA2805S
FIGURE 10
FIGURE 8
OUTPUT POWER (Watts)
MGA2815S
EFFICIENCY vs LINE & LOAD
30
80
40V
70
60
50
40
123456
16V
28V
FIGURE 5: PIN OUT
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9309201HXC
5962-9309301HXC
5962-9309401HXC
IN PROCESS
5962-9308901HXC
5962-9309001HXC
MGA SERIES
SIMILAR PART
MGA2805S/883
MGA2812S/883
MGA2815S/883
MGA2805D/883
MGA2812D/883
MGA2815D/883
Replace the “Y” with a “Z” in the SMD number to specify gull-wing leads.
For exact specifications for an SMD product, refer to the SMD drawing.
See Section A3, SMDs, for more information.
To meet specified performance, all pins must be
connected except “No Connection” pins.
See Section B8, case D for dimensions and gull-wing lead option.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn