Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA2805S Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part No. MGA2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGA2805S Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MGA2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
+
C2
T1
C1
Case
C3
MGA2815S
Input
Common
Positive
Input
Positive
Output
Output Common
To Load
Positive
Input
Input
Common
Positive
Output
Output
Common
From input
power source
EMI Filter
Case
T1
Negative
Output
Output
Common
Positive
Output
Input
Common
Case
Ground
Positive
Input
Inhibit
PWM
Control
Error
Amp
Isolated
Feedback
VR
= Dual Output
+
+
MGA SERIES
5 WATT
DC/DC CONVERTERS
B2-84
FIGURE 1: BLOCK DIAGRAM
DIAGRAMS AND CONNECTIONS
FIGURE 3: LOW NOISE OUTPUT FILTER MGA SINGLE OUTPUT MODEL
FIGURE 4: LOW NOISE OUTPUT FILTER MGA DUAL OUTPUT MODEL
The filter suggestions in Figures 3 and 4 will further
reduce the output ripple for systems requiring very low
output noise.
C1 = 0.27 µF ceramic capacitor, 500V
C2 = C4 = 6.8 µF tantalum capacitor
C3 = C5 = 0.27 µF ceramic capacitor
Single output: T1 = 15T #28 AWG winding on toroid,
m = 5000
Dual output: T2 = 10T #28 AWG winding on toroid,
m = 5000
FIGURE 2: INHIBIT INTERFACE
200 pF
3.9 K
10 K
Inhibit
Input
Common
10 k
12 k
5 k
400
50 k
2N3904
10V
MGA
Vcc
Positive
Input
+
C2
T1
C1
T2
C4
C3
C5
+
To Loads
Case
MGA2815D
Input
Common
Positive
Input
Positive
Output
Output Common
Positive
Input
Input
Common
Positive
Output
Output
Common
From input
power source
EMI Filter
Case
Negative
Output


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn