Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA2805S Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part No. MGA2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGA2805S Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MGA2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MGA2805S Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B2-83
MGA SERIES
5 WATT
DC/DC CONVERTERS
DUAL OUTPUT MODELS
MGA2805D
MGA2812D
MGA2815D
PARAMETER
CONDITIONS
MIN
TYP MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
+VOUT
11.88
12
12.12
14.85
15
15.15
VDC
–VOUT
–11.76 –12 –12.24
–14.70 –15 –15.30
OUTPUT CURRENT
VIN = 16 to 40 VDC
0
±208
333
0
±167
267
mA
OUTPUT POWER1
VIN = 16 to 40 VDC
5
5
W
OUTPUT RIPPLE 2
10 kHz - 2 MHz
120
300
120
300
mV p-p
LINE REGULATION
+VOUT
10
50
10
50
mV
VIN = 16 to 40 VDC
–VOUT
40
180
40
180
LOAD REGULATION
+VOUT (BALANCED)
10
50
10
50
mV
NO LOAD TO FULL
–VOUT (BALANCED)
50
200
50
200
CROSS REG.3
EFFECT ON –VOUT
8
15
7
15=
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 50 ms
50
50
V
INPUT CURRENT
NO LOAD
33
63
38
63
FULL LOAD
267
263
mA
INHIBITED
3
4
3
4
INPUT RIPPLE
Tc = 25°C
50
200
50
200
mA p-p
10 kHz - 10 MHz
Tc = –55°C to +125°C
75
300
75
300
EFFICIENCY
67
73
68
73
%
LOAD FAULT4
SHORT CIRCUIT
POWER DISS.
1.3
1.7
1.3
1.6
W
RECOVERY
10
30
10
30
ms
STEP LOAD
TRANSIENT
–550
180
550
–600
180
600
mV pk
RESPONSE 5, 6
RECOVERY 7
200
500
200
500
µs
STEP LINE
16 – 40 – 16 VDC
RESPONSE 8
TRANSIENT
–500
100
500
–1500 200
1500
mV pk
RECOVERY 7
0.8
2.0
1.6
4.0
ms
START-UP
OVERSHOOT
0
200
500
0
200
500
mV pk
DELAY
0
10
30
0
10
30
ms
INHIBIT PIN
CURRENT
UNIT INHIBITED
2.5
4.0
2.5
4.0
mA
CAPACITANCE
INPUT TO OUTPUT
50
50
pF
CAPACITIVE LOAD
100
100
µF
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes
1. Up to 4 watts, 80% of the total output power is available from either output
providing the opposite output is simultaneously carrying 20% of the total
output power. Each output must carry a minimum of 20% of the total output
power in order to maintain regulation on the negative output.
2. Applies to both +Vout and –Vout
3. Cross regulation is specified for the following percentages of total output
power: +PO = 20% and –PO = 80% to +PO =80% and –PO = 20%
4. Indefinite short circuit protection not guaranteed above 125°C (case).
5. Load transient transition time is >10 µs.
6. Response of either output when the load for each output is simultaneously
transitioned from 25% to 50% to 25% of total output power (5 watts).
7. Recovery time is measured from application of the transient to the point at
which Vout is within regulation.
8. Input step transition time is >10µs.
AVAILABLE
SOON
, ASK YOUR
INTERPOINT REP
FOR INFORMA
-
TION


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn