Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-972 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-972
Description  Pulse Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-972 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-972 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone
: (714) 898-0960 z FAX: (714) 896-0971
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
1 of 1
12/2/96
T-972
Physcial Dimensions
inches (mm)
Primary Pins 5-1
Schematic Diagram
www.rhombus-ind.com
Electrical Specifications @ 25o C
Parameter
Min.
Max.
Units
Open Circuit Inductance (OCL)
100mV, @ 100.0 KHz
1.0
mH
Leakage Inductance
100mV, @ 100.0 KHz
1.1
µH
Interwinding Capacitance (C
W/W)
@ 100.0 KHz
50
pF
E-T Product
20
V-
µs
Primary DC Resistance
1.1
ohms
Secondary DC Resistance
1.3
ohms
Isolation (HI-POT)
1800
V
RMS
Turns Ratio (
+ 5 % )
1 CT : 1.3 CT (Pins 5-1:6-2)
Pulse Transformer
Designed for use with Maxim MAX253
+5V to Isolated +5V Application
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 43 pieces per tube
Tape & Reel
Available


Similar Part No. - T-972

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-972 RHOMBUS-IND-T-972 Datasheet
32Kb / 1P
   Pulse Transformers for Maxim "MAX253"||" "267870
8-bit HCS08 Central Processor Unit (CPU)
More results

Similar Description - T-972

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
   Pulse Transformer
logo
List of Unclassifed Man...
G517 ETC-G517 Datasheet
99Kb / 1P
   PULSE TRANSFORMER
logo
Rhombus Industries Inc.
T-821 RHOMBUS-IND-T-821 Datasheet
34Kb / 1P
   Pulse Transformer
logo
MPS Industries, Inc.
R12704 MPSIND-R12704 Datasheet
267Kb / 1P
   PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP18272GH PCA-EP18272GH_15 Datasheet
16Kb / 1P
   Pulse Transformer
logo
SCHOTT CORPORATION
22100 SCHOTT-22100 Datasheet
18Kb / 1P
   PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com