Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FME270-461V/883 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # FME270-461V/883
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FME270-461V/883 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  FME270-461V/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. FME270-461V/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
B3-10
FMD/FME EMI FILTER
0.7 TO 15 AMP
EMI INPUT FILTERS
0.1
F
50 V
0.01
F
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMD28-461
4.1
H
4.1
H
4.1
H
135
H
6
F
50 V
10
F
50 V
1.3
135
H
0.015
F
500V
0.015
F
Positive
Input
Input
Common
Positive
Output
Output
Common
FMD270-461
18.5
H
18.5
H
0.68
F
0.68
F
1.3
0.015
F
844
H
844
H
+Vin
+Vout
Input
Common
Output
Common
Case
R L
R L
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
FIGURE 5: CONNECTION DIAGRAM
FIGURE 3: FMD28-461 SCHEMATIC – TYPICAL VALUES
FIGURE 4: FMD270-461 SCHEMATIC – TYPICAL VALUES
The case ground connection between the filter and the converter should be as low an impedance as possible
to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.


Similar Part No. - FME270-461V/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461V/883 INTERPOINT-FME270-461V/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
More results

Similar Description - FME270-461V/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FM-461 INTERPOINT-FM-461 Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com