Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATX-450PA Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # ATX-450PA
Description  450 Watts ATX12V-2.2 Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

ATX-450PA Datasheet(HTML) 1 Page - Sparkle Power Inc.

  ATX-450PA Datasheet HTML 1Page - Sparkle Power Inc. ATX-450PA Datasheet HTML 2Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Output Characteristics
Output
Voltage
Minimum
Load
Normal
Load
Maximum
Load
Peak
Load
Load Reg.
Line
Reg.
Ripple & Noise
+3.3V
0.5A
17.4A
22.0A
± 5%
± 1%
50mV P-P
+5V
0.3A
11.8A
15.0A
± 5%
± 1%
50mV P-P
+12V1
1.0A
12.6A
18.0A
± 5%
± 1%
100mV P-P
+12V2
1.0A
14.2A
18.0A
19.0A
± 5%
± 1%
100mV P-P
-12V
0.0A
0.3A
0.3A
± 10%
± 2%
100mV P-P
+5Vsb
0.0A
1.0A
2.5A
± 5%
± 1%
50mV P-P
*+3.3V and +5V total output not exceed 145W
*+12V1 and +12V2 total output not exceed 360W, +3.3V & +5V & 12V1& 12V2 total output not exceed 433W
*+12V2 Peak loading, Min Voltage during peak is >11.0Vdc
* Total output for this subject power supply is 450W
Input Characteristics
Input Range: ±10% of 115Vrms/57~63Hz or 230Vrms/47~53Hz,
Manual Selection
Input Current: 10A (RMS) @115Vac, 5A (RMS) @230Vac
Inrush Current: No Damage
Features
Complied with ATX12V standard
High efficiency and reliability, low noise and ripple
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL60950, CSA C22.2 NO. 60950, TUV EN60950
or
E EN60950
EN60950 (CB Report)
VD
, NEMKO
ATX-450PA (RoHS Compliant)
450 Watts ATX12V-2.2 Switching Power Supply
Specification
Temperature Range: Operating: 0°C ~ +50°C, Full load
at 25°C, De-rate 2W/°C from 25°C to 50°C;
Storage & shipping: -20°C ~ +65°C
Humidity: 5 ~ 95% on operating and storage
Dielectric Withstand: Primary frame ground 1800V AC
for 1 second
Efficiency: 70% minimum measured at normal AC mains
voltage and frequency with full load
Rise time: Less than 20ms
Hold-up Time: 12ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms,
off delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm/5.5x5.9x3.4inch


Similar Part No. - ATX-450PA

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
ATX-450PN SPI-ATX-450PN Datasheet
358Kb / 2P
   450 Watts ATX12V 2.2 Switching Power Supply
More results

Similar Description - ATX-450PA

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
ATX-450PN SPI-ATX-450PN Datasheet
358Kb / 2P
   450 Watts ATX12V 2.2 Switching Power Supply
FSP450-60EGN SPI-FSP450-60EGN Datasheet
95Kb / 1P
   450 Watts ATX12V 2.3 Switching Power Supply
SPI300GLN SPI-SPI300GLN Datasheet
63Kb / 1P
   300 Watts ATX12V 2.2 Switching Power Supply
ATX-400PA SPI-ATX-400PA Datasheet
419Kb / 2P
   400 Watts ATX12V-2.2 Switching Power Supply
R-SPI300GLN SPI-R-SPI300GLN Datasheet
67Kb / 1P
   300 Watts ATX12V 2.2 Switching Power Supply
ATX-300PA SPI-ATX-300PA Datasheet
388Kb / 2P
   300 Watts ATX12V-2.2 Switching Power Supply
ATX-350PA SPI-ATX-350PA Datasheet
408Kb / 2P
   350 Watts ATX12V-2.2 Switching Power Supply
ATX-350PN SPI-ATX-350PN Datasheet
414Kb / 2P
   350 Watts ATX12V 2.2 Switching Power Supply
R-SPI350GLN SPI-R-SPI350GLN Datasheet
71Kb / 1P
   350 Watts ATX12V 2.2 Switching Power Supply
SPI350GLN SPI-SPI350GLN Datasheet
57Kb / 1P
   350 Watts ATX12V 2.2 Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com