Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMTR2812S Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part No. FMTR2812S
Description  EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMTR2812S Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  FMTR2812S Datasheet HTML 1Page - Crane Aerospace & Electronics. FMTR2812S Datasheet HTML 2Page - Crane Aerospace & Electronics. FMTR2812S Datasheet HTML 3Page - Crane Aerospace & Electronics. FMTR2812S Datasheet HTML 4Page - Crane Aerospace & Electronics. FMTR2812S Datasheet HTML 5Page - Crane Aerospace & Electronics. FMTR2812S Datasheet HTML 6Page - Crane Aerospace & Electronics. FMTR2812S Datasheet HTML 7Page - Crane Aerospace & Electronics. FMTR2812S Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
DESCRIPTION
The FMTR Series™ of DC/DC converters offers up to 30 watts of
output power from single or dual output configurations. They
operate over the full military temperature range with up to 83% effi-
ciency. FMTR converters are packaged in hermetically sealed metal
cases, making them ideal for use in military, aerospace and other
high reliability applications.
CONVERTER DESIGN
The FMTR converters are constant frequency, pulse-width mod-
ulated switching regulators which use a quasi-square wave, single
ended, forward converter design. Tight load regulation is maintained
via wide bandwidth magnetic feedback and, on single output
models, through use of remote sense.
Indefinite short circuit protection and overload protection are
provided by a constant current-limit feature. This protective system
senses current in the converter’s secondary stage and limits it to
approximately 115% of the maximum rated output current.
BUILT-IN FILTERS
The built-in input and output filters reduce layout issues and
conserve board space. The 2.7 amp EMI input filter meets MIL-STD-
461C, CE03 and allows filtering of additional converters through the
filter output pins. The output filter reduces high frequency common
and differential mode noise. It allows a higher bandwidth ripple
voltage measurement and eliminates the need for external output
decoupling capacitors. Both input and output filters reduce radiated
emissions providing quieter operation than conventional DC/DC
converters.
WARNING:REQUIRED DAMPING NETWORK
To prevent damage to the internal circuitry an external capacitor and
resistor are required across the filter outputs (pins 3 and 4) as
shown in Figure 1. This applies to both single and dual output
models. The recommended capacitor type is wet tantalum, MIL-C-
39006.
EMI FILTERED
DC/DC CONVERTERS
28 VOLT INPUT
FMTR SERIES
30 WATT
FEATURES
• EMI input filter, up to
50 dB attenuation
• –55° to +125°C operation
• High frequency output filter
• 17 to 40 VDC input
• Fully isolated, magnetic feedback
• 600 kHz typical–Single Ended Forward
• Inhibit and synchronization functions
• Indefinite short circuit protection
• Trim and remote sense on singles
• Up to 83% efficiency
• Up to 50V for 50 ms transient
protection
MODELS
VDC OUTPUT
SINGLE
3.3
5
12
15
DUAL
±5
±12
±15
Size (max): 3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
Weight:
100 grams maximum
Screening:
Standard or ES, see the Environmental Screening table
11 Positive
Output
10 Output
Common
28 Vin 8
Input Common 7
Inhibit/Sync 2
Return
Inhibit 5
Sync 1
EMI Input Filter 2.7 A max.
Vin
Vout
+
+
+
+
DC/DC Converter
High Frequency
Output Filter
4 Filter Output
3 Filter Output Rtn
Additional
DC/DC
Converters
2.2
220
µF
Required
damping
network
Sync
Inhibit
+Vin
Rtn
Inh
Sync
Rtn
FIGURE 1: FMTR TYPICAL INPUT INTERFACE APPLIES TO SINGLES AND DUALS (SHOWN WITH SINGLE OUTPUT)


Similar Part No. - FMTR2812S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
FMTR2812S/ES INTERPOINT-FMTR2812S/ES Datasheet
179Kb / 8P
   EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - FMTR2812S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
FMTR283R3S INTERPOINT-FMTR283R3S Datasheet
179Kb / 8P
   EMI FILTERED DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz