Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMSA-461 Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # FMSA-461
Description  EMI INPUT FILTER 28 VOLT INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

FMSA-461 Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

  FMSA-461 Datasheet HTML 1Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 2Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 3Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 4Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 5Page - Crane Aerospace & Electronics. FMSA-461 Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
®
FMSA EMI FILTER
0.8 AMP
EMI INPUT FILTERS
FMSA Rev B 20050522
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. FMSA Series is a trademark of
Interpoint. Copyright © 1994 - 2005 Interpoint. All rights reserved.
TEST (125°C Products)
125°C
125°C
STANDARD
/ES
/883 (Class H)*
Pre-cap Inspection
Method 2017, 2032
yes
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to 150°C, ambient
no
no
yes
Method 1010, Cond. B, -55°C to 125°C, ambient
no
yes
no
Constant Acceleration
Method 2001, 300 g
no
no
yes
Method 2001, 500g
no
yes
no
Burn-In
Method 1015, 160 hours at 125°C case, typical
no
no
yes
96 hours at 125°C case, typical
no
yes
no
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C case
no
no
yes
Subgroups 1 and 4: +25°C case
yes
yes
no
Hermeticity Test
Fine Leak, Method 1014, Cond. A
no
yes
yes
Gross Leak, Method 1014, Cond. C
no
yes
yes
Gross Leak, Dip (1 x 10-3)
yes
no
no
Final Visual Inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
*883 products are built with element evaluated components and are 100% tested and guaranteed over
the full military temperature range of –55°C to +125°C.
QA SCREENING
125°C PRODUCTS
125°C PRODUCTS


Similar Part No. - FMSA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
FMSA-461/883 INTERPOINT-FMSA-461/883 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
FMSA-461/883 INTERPOINT-FMSA-461/883 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
More results

Similar Description - FMSA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
   EMI INPUT FILTER 28 VOLT INPUT
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMC-461 CRANE-FMC-461 Datasheet
122Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 CRANE-FMH-461 Datasheet
312Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMGA-461 INTERPOINT-FMGA-461 Datasheet
185Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
logo
Crane Aerospace & Elect...
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com