Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP1A Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # PSP1A
Description  Special Purpose Supervisory Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PSP1A Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  PSP1A Datasheet HTML 1Page - Systemsensor advanced ideas. PSP1A Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0972-005 • 3/07 • #1805
Ordering Information
Part No.
Description
PSP1
Plug-in Special Purpose Supervisory Switch
PSP1A
Plug-in Special Purpose Supervisory Switch (ULC model)
PSP1 Specifications
Architectural/Engineering Specifications
Model shall be a model number PSP1 special purpose supervisory switch as manufactured by System Sensor. The unit is not intended or designed for ordinary
usage. It is a special application device to be used for unusual conditions where no other approved or listed method of protection is available or practical,
such as non-rising stem gate valves. When installed on a non-rising stem gate valve, turning the valve wheel will pull the plug out of the jack and close a set of
normally open contacts. A lockout will prevent reinsertion and will require removal of the cover. Tamper-proof screws are provided for the cover. Removal of the
cover, cutting of the cord, or ground faults will cause an open circuit. The device should be wired to the trouble circuit of a fire alarm control panel. The PSP1
shall be capable of operating on Class A or Class B circuits. The PSP1 shall be NEMA 3 rated for indoor/outdoor use and shall have an operating temperature
range of –4°F to 149°F (–20°C to 65°C). The PSP1 shall be listed by Underwriters Laboratories and Underwriters Laboratories of Canada, Inc. and shall be Factory
Mutual approved.
Physical/Electrical Specifications
Dimensions
4¾ ˝L × 3˝W × 2½˝D (12 cm × 7.5 cm × 5.6 cm)
Dimensions with Bracket
8½˝L (21.5 cm)
Shipping Weight
1.7 lbs. (0.8 kg)
Operating Temperature Range
–4°F to 149°F (–20°C to 65°C)
Enclosure Rating
NEMA 3 UL Indoor/Outdoor Rated
Cover Tamper Switch
Standard
Cable
2 wire, 18 gauge waterproof, 8 feet long (2.4 m)
Operating Voltage
6/12/24V AC/DC
Maximum Operating Current
250 mA
Warranty
3 years
U.S. Patent Number
6,037,867
FACP
INITIATING
CIRCUIT
+
ELR
WATER-PROOF
CABLE
VALVE
WHEEL
FACP
INITIATING
CIRCUIT
+
ELR
WATER-PROOF
CABLE
VALVE
WHEEL
+
+
FACP
SUPERVISORY
CIRCUIT
Note: No other types of initiating
device may be connected to the
same FACP initiating circuit
Note: No other types of initiating
device may be connected to the
same FACP initiating circuit
PSP1 Wiring: Single Device Class B
PSP1 Wiring: Single Device Class A
W0167-00
W0168-00


Similar Part No. - PSP1A

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PSP1045 PREMO-PSP1045 Datasheet
277Kb / 6P
   SMD Power Inductors Shielded
PSP1045-1R4M PREMO-PSP1045-1R4M Datasheet
277Kb / 6P
   SMD Power Inductors Shielded
PSP1045-2R2M PREMO-PSP1045-2R2M Datasheet
277Kb / 6P
   SMD Power Inductors Shielded
PSP1045-3R2M PREMO-PSP1045-3R2M Datasheet
277Kb / 6P
   SMD Power Inductors Shielded
PSP1045-R36N PREMO-PSP1045-R36N Datasheet
277Kb / 6P
   SMD Power Inductors Shielded
More results

Similar Description - PSP1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
Systemsensor advanced i...
PIBV2 SYSTEMSENSOR-PIBV2 Datasheet
154Kb / 2P
   Supervisory Switch
OSY2 SYSTEMSENSOR-OSY2 Datasheet
163Kb / 2P
   Supervisory Switch
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com