Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH100P Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # DH100P
Description  2-Wire Low-Profile Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100P Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  DH100P Datasheet HTML 1Page - Systemsensor advanced ideas. DH100P Datasheet HTML 2Page - Systemsensor advanced ideas. DH100P Datasheet HTML 3Page - Systemsensor advanced ideas. DH100P Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-Wire Low-Profile
Duct Smoke Detector
Outside mounting tabs
Patented plastic sampling tube
UL recognized field-replaceable power
and sensor boards
Built-in reset button
Easy to clean
12/24 VDC operation
Photoelectronic models available
Remote test station option
Air velocity rating from 500 to
4000 FPM
Remote annunciator option
Easy and quick mounting to round or
rectangular ducts from 1
′′–12′′ wide
Textured cover for convenient visual
inspection
UL 268A listed
3-year warranty
The System Sensor DH100 2-wire duct smoke detector is available as a
photoelectronic model. This new design allows for simplified cleaning and
maintenance. The DH100 samples air currents passing through a duct and
gives dependable performance for management of fans, blowers, and air
conditioning systems, preventing the spread of toxic smoke and fire gases
through the protected area.
WARNING:
Duct smoke detectors have specific limitations.
DUCT SMOKE DETECTORS ARE:
NOT a substitute for an open area smoke detector,
NOT a substitute for early warning detection, and
NOT a replacement for a building’s regular fire
detection system.
Refer to NFPA 72 and 90A for additional duct smoke detector
application information.
Model
DH100P
2-Wire Photoelectronic
Detector
Product Overview
APPROVED
®
DH100P 2-Wire
Photoelectronic Detector


Similar Part No. - DH100P

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH100P SYSTEMSENSOR-DH100P Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results

Similar Description - DH100P

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
   2-Wire Low-Flow Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
   4-Wire Photoelectric Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com