Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P121575 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # P121575
Description  Wall-Mount Horns, Strobes, and Horn/Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

P121575 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  P121575 Datasheet HTML 1Page - Systemsensor advanced ideas. P121575 Datasheet HTML 2Page - Systemsensor advanced ideas. P121575 Datasheet HTML 3Page - Systemsensor advanced ideas. P121575 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Walk Test SpectrAler t horn/strobe and horn only
work on “walk tests” with time durations of
4 seconds or greater
Input Terminals
12 to 18 AWG
Dimensions
Strobe and horn/strobe with universal plate
5
″ x 55/8″ x 2 15/16
Strobe and horn/strobe with small
footprint plate
3 3/8
″ x 55/8″ x 2 5/16
Horn with universal mounting plate
5
″ x 55/8″ x 1 5/16
Horn without mounting plate
2 15/16
″ x 55/16″ x 1 5/16
Weight, horn only
7.2 oz.
Weight, strobe and horn/strobe
8.8 oz.
Mounting
4
″ x 4″ x 11/2″ or 2″ x 4″ x 17/8
standard boxes
Indoor Operating Temperature
32°F to 120°F (0°C to 49°C)
Maximum humidity
95% as tested per UL464
Weatherproof (horn and horn/strobes)
Operating Temperature
32°F to 150°F (0°C to 66°C)
(outdoor strobe only)
–40°F to 158°F (–40°C to 70°C)
ULC Canadian Models
–40°C to 66°C
Voltages
12 or 24VDC and FWR unfiltered
Operating voltage range*
12V: 10.5-17V; 24V: 20-30V
Operating voltage range*
(with Sync•Circuit module, MDL)
12V, 11-17V; 24V, 20-30V
* These products should be operated within their rated
voltage range; UL does, however, test functional
integrity to -20% and +10% of manufacturer's stated
ranges.
U.S. Patent Numbers
5,593,569
5,914,665
6,049,446
Specifications
Engineering Specifications
General
SpectrAlert horns, strobes and horn/strobes shall be capa-
ble of mounting to a standard 4
″ x 4″x 11/2″ back box or a
single gang 2
″ x 4″ x 17/8″ back box using the universal
mounting plate included with each SpectrAlert product.
Also, SpectrAlert products, when used in conjuction
with the accessory SyncCircuit Module, shall be pow-
ered from a non-coded power supply and shall operate
on 12 or 24 volts. 12 volt rated devices shall have an
operating voltage range of 10.7–17 volts. 24-volt rated
devices shall have an operating voltage range or 20–30
volts. SpectrAlert products shall have an operating tem-
perature of 32° to 120°F and operate from a regulated
DC or full wave rectified, unfiltered power supply.
Horn
Horn shall be a System Sensor SpectrAlert Model
capable of operating at 12 and 24 volts. Horn shall be
listed to UL 464 for fire protective signaling systems. The
horn shall have two tone options, two audibility options
(at 24 volts) and the option to switch between a temporal
3 pattern and a non-temporal continuous pattern. All horn
models shall operate on a coded power supply.
Strobe
Strobe shall be a System Sensor SpectrAlert Model
listed to UL 1971 and be approved for fire protective
service. The strobe shall be wired as a primary signaling
notification appliance and comply with the Americans with
Disabilities Act requirements for visible signaling appli-
ances, flashing at 1Hz over the strobe’s entire operating
voltage range. The strobe light shall consist of a xenon
flash tube and associated lens/reflector system.
Horn/Strobe Combination
Horn/Strobe shall be a System Sensor SpectrAlert Model
listed to UL 1971 and UL 464 and shall be
approved for fire protective service. Horn/strobe shall
be wired as a primary signaling notification appliance
and comply with the Americans with Disabilities Act
requirements for visible signaling appliances, flashing at
1Hz over the strobe’s entire operating voltage range.
The strobe light shall consist of a xenon flash tube and
associated lens/reflector system. The horn shall have two
tone options, two audibility options (at 24 volts) and the
option to switch between a temporal 3 pattern and a
non-temporal continuous pattern. Strobes shall be powered
independently of the sounder with the removal of factory
installed jumper wires. The horn on horn/strobe models
shall operate on a coded or non-coded power supply
(the strobe must be powered continuously).
Synchronization Module
Module shall be a System Sensor SyncCircuit
listed to UL 464 and shall be approved for fire protective
service. The module shall synchronize SpectrAlert strobes
at 1Hz and horns at temporal 3. Also, the module shall
silence the horns on horn/strobe models, while operating
the strobes, over a single pair of wires. The module shall
be capable of mounting to a 411/16
″ x 411/16″x 21/8″ back
box and shall control two Style Y (class B) or one Style Z
(class A) circuit. Module shall be capable of multiple zone
synchronization by daisy chaining multiple modules
together and re-synchronizing each other along the chain.
The module shall not operate on a coded power supply.


Similar Part No. - P121575

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P121 POLYFET-P121 Datasheet
32Kb / 2P
   PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
International Rectifier
P121 IRF-P121 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P121 IRF-P121 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P121 VISHAY-P121 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
logo
Yantel Corporation
P12109C YANTEL-P12109C Datasheet
422Kb / 3P
   Phase Shifters
More results

Similar Description - P121575

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
   SC Strobes and PC Horn/Strobes
logo
Systemsensor advanced i...
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Systemsensor advanced i...
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
   Outdoor Horn/Strobes
logo
Gamewell-FCI by Honeywe...
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
logo
Gamewell-FCI by Honeywe...
SP2R1224MC GAMEWELL-FCI-SP2R1224MC Datasheet
203Kb / 2P
   Wall Speaker/Strobes
logo
Systemsensor advanced i...
SP2R2415 SYSTEMSENSOR-SP2R2415 Datasheet
178Kb / 2P
   Wall Speaker Strobes
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com