Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LENS-G Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # LENS-G
Description  Color Lens Strobe Attachment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

LENS-G Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  LENS-G Datasheet HTML 1Page - Systemsensor advanced ideas. LENS-G Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
S3593
7300-1653:204
Color Lens
Strobe Attachment
The System Sensor color lens attachments are easy to
install to any indoor or outdoor SpectrAlert® Advance
strobe devices to provide distinctive visual signaling.
Features
Available in four colors — amber, blue, green, and red
Easily attaches to any non-fire printed SpectrAlert Advance strobe
Outdoor rated from −35°F to 151°F
Wall or ceiling mount lenses available
Applications include mass notification, severe weather, emergency
response, and more
UL 1638 listed
The System Sensor SpectrAlert Advance color lens attachments
come in four colors—amber, blue, green, and red—for mass
notification, severe weather, emergency response, and other non-
fire applications. The lenses easily attach to any non-fire printed
SpectrAlert Advance strobes, including horn strobes, speaker strobes
and strobe-only devices. The lenses may be used with wall or ceiling
strobes in indoor or outdoor applications.
Each lens ships with a clear adhesive on the bottom surface. The lens
is then aligned with the clear strobe and applied.


Similar Part No. - LENS-G

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LENS-13 ROITHNER-LENS-13 Datasheet
78Kb / 2P
   Optic for High Power LEDs
logo
ON Semiconductor
LENS-MOUNT-KIT-C-GEVK ONSEMI-LENS-MOUNT-KIT-C-GEVK Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
More results

Similar Description - LENS-G

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SW-ALERT SYSTEMSENSOR-SW-ALERT Datasheet
196Kb / 2P
   Field Selectable Amber Lens Strobe
logo
Unity Opto Technology
MVL-403G UOT-MVL-403G Datasheet
39Kb / 3P
   Standard color transparent plastic lens
MVL-311GH UOT-MVL-311GH Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301G UOT-MVL-301G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-501G UOT-MVL-501G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-303G UOT-MVL-303G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-513G UOT-MVL-513G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-511G UOT-MVL-511G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-503G UOT-MVL-503G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-401G UOT-MVL-401G Datasheet
39Kb / 3P
   Standard color diffused plastic lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com