Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B501 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # B501
Description  Intelligent Low Profile Plug-in Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B501 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  B501 Datasheet HTML 1Page - Systemsensor advanced ideas. B501 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
200 Series
Intelligent Low Profile
Plug-in Detectors
The System Sensor 200 Series intelligent plug-in smoke
detectors with integral communication provide point
location for alarm communication and selective
maintenance.
Features
Sleek, low-profile design
Analog communications
Low standby current
Rotary address switches
Superior EMI protection
Dual LEDs for 360° visibility
Detector sensitivity can be programmed in the control panel
software. Sensitivity is continuously monitored and reported to the
panel. Point ID capability allows each detector address to be set
with decade address switches to provide exact detector locations
for selective maintenance when chamber contamination reaches an
unacceptable level.
The
System Sensor 2251B photoelectric detector’s unique optical
sensing chamber is engineered to sense smoke produced by a wide
range of combustion sources. Dual electronic thermistors add 135°F
fixed temperature thermal sensing on the 2251TB model.
The
Acclimate ™ 2251TMB photoelectric detector includes
thermal detection at 135 (degree sign)F. It uses advanced on-board
software to combine the signals from the photo and thermal
elements to create a true multicriteria detector. It is capable of
rejecting nuisance sources, but still responds quickly to real fires. The
Acclimate multicriteria detector has the capability of adjusting its
sensitivity according to its environment.
The
1251B ionization detector incorporates a unique single source,
dual chamber design to respond quickly and dependably to a broad
range of fires.
Both the
5251B and 5251RB detectors use an innovative
thermistor sensing circuit to produce 135°F fixed and rate-of-rise
thermal detection in a low profile package. The 5251H model
provides fixed high temperature detection at 190ºF. These thermal
detectors provide cost effective, intelligent property protection in a
variety of applications.


Similar Part No. - B501

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
567Kb / 2P
   Low-Profile Intelligent Combination Smoke Detector
logo
Gamewell-FCI by Honeywe...
B501 GAMEWELL-FCI-B501 Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
B501 GAMEWELL-FCI-B501 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
123Kb / 4P
   500 Series Intelligent Sensors with Integral Communications
B501 SYSTEMSENSOR-B501 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
More results

Similar Description - B501

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPDS106 SYSTEMSENSOR-SPDS106 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
2151 SYSTEMSENSOR-2151 Datasheet
265Kb / 2P
   Low-Profile Plug-in Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
   Intelligent Addressable Plug-In Thermal (Heat) Detectors
logo
Systemsensor advanced i...
1151 SYSTEMSENSOR-1151 Datasheet
87Kb / 4P
   Low Profile Ionization Plug-in Smoke Detectors
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
   Low-Profile Plug-in Intelligent Laser Smoke Detector
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
logo
Systemsensor advanced i...
A05-0205 SYSTEMSENSOR-A05-0205 Datasheet
231Kb / 2P
   400 Series Plug-In Thermal Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com