Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST-5 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # ST-5
Description  Intelligent Low-Flow Duct Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-5 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  ST-5 Datasheet HTML 1Page - Systemsensor advanced ideas. ST-5 Datasheet HTML 2Page - Systemsensor advanced ideas. ST-5 Datasheet HTML 3Page - Systemsensor advanced ideas. ST-5 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The duct smoke detector shall be a System
Sensor Model DH200PL or DH200RPL
Intelligent Low-Flow Duct Smoke Detector
to be used with compatible control pan-
els. The duct smoke detector shall be UL
listed per UL 268A, Standard for Smoke
Detectors for Duct Applications, specifi-
cally for use in air handling systems. The
detector shall operate in air velocities from
100 to 4000 feet per minute. The detec-
tor shall be an intelligent photoelectronic
detector. It shall be capable of local testing
via magnetic switch or remote testing from
the RTS451 or RTS451KEY Remote Test
Station. The duct smoke detector housing
shall incorporate an airtight smoke cham-
ber in compliance with UL 268A. The
housing shall be capable of mounting to
either rectangular or round ducts without
adapter brackets. An integral filter system
shall be included to reduce dust and resi-
due effects, thereby reducing maintenance
and servicing. Sampling tubes shall be eas-
ily installed after the housing is mounted
to the duct by passing through the duct
housing. Terminal connections shall be of
the strip and clamp method suitable for
12-18 AWG wiring.
Architect/Engineer Specifications
Voltage Range
15 to 32 VDC
Standby Current
300µA @ 24 VDC (one communica-
tion every 5 seconds with LED blink
enabled)
Wiring diagram for DH200PL Duct Smoke Detector with optional RA400Z
Wiring diagram for DH200PL Duct Smoke Detector with RTS451/RTS451KEY
+
COMMUNICATION
LINE
UL LISTED CONTROL
PANEL
1ST DETECTOR
IN LOOP
2ND DETECTOR
IN LOOP
DH200PL
RTS451/RTS451KEY
4
5
6
1
2
3
FIELD INSTALLED
JUMPER
COMMON TEST
LED
RESET
FOR RTS451, TERMINAL 3 IS NOT USED.
(RTS451 DOES NOT HAVE A TERMINAL 6.)
FOR RTS451KEY, TERMINALS 3 AND 6
ARE NOT USED.
DH200PL
+
RA400Z
Wiring diagram for DH200PL Duct Smoke Detector using a UL listed control panel
DH200PL Specifications
Device
Standby
Alarm
RA400Z
0 mA
10 mA Max.
RTS451/RTS451KEY
0 mA
7.5 mA Max.
Accessory Current Loads
(Must break tab on back of RA400Z when used with DH200PL.)


Similar Part No. - ST-5

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ST-5 SYSTEMSENSOR-ST-5 Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ST-5 SYSTEMSENSOR-ST-5 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
ST-5 SYSTEMSENSOR-ST-5 Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ST-5 SYSTEMSENSOR-ST-5 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
ST-5 GAMEWELL-FCI-ST-5 Datasheet
326Kb / 2P
   Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
More results

Similar Description - ST-5

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
logo
Systemsensor advanced i...
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
   For Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
   2-Wire Low-Flow Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com