Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST-3 Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # ST-3
Description  Intelligent Low-Flow Duct Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

ST-3 Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  ST-3 Datasheet HTML 1Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 2Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 3Page - Systemsensor advanced ideas. ST-3 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2003 System Sensor. The company reserves the right to change product specifications without notice.
A05-0353-000•7/03•#1012
Innovair200 Series Low-Flow Specifications
Operating Temperature Range
32° to 131°F (0° to 55°C)
Operating Humidity Range
10% to 93% relative humidity
(non-condensing)
Storage Temperature Range
–22º to +158ºF (–30º to +70º C)
Duct Air velocity
100 – 4000 ft./min. (0.5 – 20.32 m/s)
Shipping Weight
DH200PL:
3.35lbs. (1.5 kg)
DH200RPL:
3.90lbs. (1.8 kg)
Length
1434″ (37 cm)
Width
512″ (14 cm)
Depth
234″ (7 cm)
Ordering Information
Part No.
Description
DH200PL
Innovairintelligent low-flow photoelectric non-
relay duct smoke detector
DH200RPL
Innovairintelligent low-flow photoelectric with
relay duct smoke detector
ST-1.5
Metal sampling tube duct widths 1′–2′
ST-3
Metal sampling tube duct widths 2′–4′
ST-5
Metal sampling tube duct widths 4′–8′
ST-10
Metal sampling tube duct widths 8′–12′
A5053
Replacement photoelectric sensor board
A5060
Replacement power board for DH200RPL (w/relay)
A5067
Replacement power board for DH200PL (w/o relay)
Accessories
Description
RTS451
Remote test station (see below)
RTS451KEY
Remote test station w/key (see below)
RA400Z
Remote LED (see below)
PA400
Mini-AlertSounder (see below)
F36-09-11
Replacement filters
M02-04-00
Test magnet
P48-21-00
End cap for metal sampling tube
P48-61-00
End cap for plastic sampling tube
S08-39-01
Replacement photo insect screen
T80-71-00
Replacement plastic sampling tube
RTS451
Remote Test Station
(UL S2522)
RTS451KEY
Remote Test Station with
key (UL S2522)
RA400Z
Remote
Annunciator
(UL S2522)
PA400
Mini-AlertSounder
(UL S3593)
Device cannot be wired
directly to DH200PL
(non-relay).
ALARM
RESET
ALARM
ON
RESET
TEST
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/SENSOR2
Fx: 630/377-6495
Documents-on-Demand
800/736-7672 x3
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 44.1403.276500
Fx: 44.1403.276501
System Sensor in China
Ph: 86.29.524.6253
Fx: 86.29.524.6259
System Sensor in Singapore
Ph: 65.6273.2230
Fx: 65.6273.2610
System Sensor – Far East
Ph: 85.22.191.9003
Fx: 85.22.736.6580
System Sensor – Australia
Ph: 613.54.281.142
Fx: 613.54.281.172
System Sensor – India
Ph: 91.124.637.1770 x.2700
Fx: 91.124.637.3118


Similar Part No. - ST-3

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ST-3 SYSTEMSENSOR-ST-3 Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ST-3 SYSTEMSENSOR-ST-3 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
ST-3 SYSTEMSENSOR-ST-3 Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ST-3 SYSTEMSENSOR-ST-3 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
ST-3 GAMEWELL-FCI-ST-3 Datasheet
326Kb / 2P
   Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
More results

Similar Description - ST-3

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
logo
Systemsensor advanced i...
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
   For Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
   2-Wire Low-Flow Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com