Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPM-4-500B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PSPM-4-500B
Description  PHASE SHIFTERS, MANUAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PSPM-4-500B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PSPM-4-500B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance
MODEL
CONNECTOR
CONNECTOR DIM.
PSP-4 series
BNC
.560 in/14.22 mm
PSPM-4 series
SMA
.430 in/10.92 mm
PSP & PSPM Series
PHASE SHIFTERS, MANUAL
10 to 500 MHz / 0 to 180 Continuous Plus 180 Switch / 10% Bandwidth / BNC or SMA
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
General Notes:
1. The PSP and PSPM
series
of
panel
mountable
phase
shifters use lumped
element quadrature
hybrids together with
tunable pair of LC
networks to generate
variable phase shifts up
to 180°. An additional
180
° of phase shift is
available by activating
the included switch.
2.
The
continuous
phase shift control is
provided with a lock to
prevent inadvertently
changing the setting.
3. If continuous 0° to
360° phase shift is
required, Merrimac’s
PS-5 series should be
considered.
15Feb96
PRINCIPAL SPECIFICATIONS
Center
BNC
SMA
Insertion
VSWR
CW
Frequency,
Model
Model
Usable
Loss,
Max.
Power,
fo, MHz
Number
Number
Bandwidth
dB, Max.
(In/Out)
W, Max.
10 to 100
PSP-4-***B
PSPM-4-***B
fo
± 5%
1.75
1.75:1
1
100 to 500
2.25
2.0:1
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
GENERAL SPECIFICATIONS
Phase Shift Range: 0
° to 360° @fo
Impedance:
50
Ω nom.
Manual Drive:
Knob/Lock for 180°
continuous plus 0°/180°
Toggle Switch
Rotation:
Half-Turn nominal for
total phase range
Direction:
Clockwise increases
insertion phase
Weight, nominal:
6.5 oz (185 g)
Operating Temp.:
-- 55° to +85°C
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over mm.
3. Dial, Drive Knob and Knob Lock
require customer assembly.
4. Dial is uncalibrated, ’0’ dial
reading is min. insertion phase.


Similar Part No. - PSPM-4-500B

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSP POWERBOX-PSP Datasheet
48Kb / 1P
   2 0 0 WAT T P R O G R A M A B L E S W I T C H I N G
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
   Motorized Master Slide Potentiometer
logo
Total Power Internation...
PSP-1000 TOTAL-POWER-PSP-1000 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
logo
Astrodyne Corporation
PSP-1000 ASTRODYNE-PSP-1000 Datasheet
438Kb / 2P
   1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-1000 MEANWELL-PSP-1000 Datasheet
362Kb / 2P
   1000W Single Output with PFC Function
More results

Similar Description - PSPM-4-500B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSM-2-10B MERRIMAC-PSM-2-10B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
PS-5-5B MERRIMAC-PS-5-5B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-4E-10B MERRIMAC-PSM-4E-10B Datasheet
101Kb / 1P
   PHASE SHIFTERS, MANUAL
PSS-2-70 MERRIMAC-PSS-2-70 Datasheet
71Kb / 1P
   PHASE SHIFTERS, MANUAL
PS-4-30 MERRIMAC-PS-4-30 Datasheet
117Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-2B-10B MERRIMAC-PSM-2B-10B Datasheet
121Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-3-60 MERRIMAC-PSM-3-60 Datasheet
102Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-2A-60 MERRIMAC-PSM-2A-60 Datasheet
96Kb / 1P
   PHASE SHIFTERS, MANUAL
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
   PHASE SHIFTERS
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
   PHASE SHIFTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com