Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM-3-500B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PSM-3-500B
Description  PHASE SHIFTERS, MANUAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PSM-3-500B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PSM-3-500B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
Typical Performance
PSM-3 Series
PHASE SHIFTERS, MANUAL
5 to 1000 MHz / 0 to 180 Range / 10% Bandwidth / Screw Adjustment / SMA Connectors
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
PERFORMANCE SPECIFICATIONS
Center
Usable
Insertion
Rotation
CW
Weight,
Model
Freq., fo,
Bandwidth,
Loss,
VSWR,
for Maximum
Power,
oz. (g)
Number
MHz
MHz
dB, Max.
Max.
Phase Shift
W, Max.
Nom.
PSM-3-60
60
57 - 63
1.0
1.5:1
Quarter Turn
1
3.5 (100)
PSM-3-***B
5 to 300
fo
± 5%
1.0
1.5:1
Quarter Turn
1
3.5 (100)
PSM-3-***B
300 to 500
fo
± 5%
1.0
1.5:1
Multi-Turn
1
3.5 (100)
PSM-3-***B
500 to 1000
fo
± 5%
1.5
1.8:1
Multi-Turn
1
3.5 (100)
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
General Notes:
1. The PSM-3 phase shifters series provides
continuous phase adjustment across a range of
0° to 180° using a precision screw adjustment.
2. Each unit in the series employs a lumped
element quadrature hybrid with a tuned LC
network acting as sliding short circuits on the
outputs to delay the reflected signal. Similar
phase shifters are available for higher
frequencies and wider bandwidths.
3. All models may be supplied screened for
compliance with specifications according to your
requirements.
15Feb96
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Insertion phase increases with clockwise rotation of screw.
3. Dimensions in inches over mm.


Similar Part No. - PSM-3-500B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSM-3-01 ETC2-PSM-3-01 Datasheet
500Kb / 1P
   PUSH SPACER SUPPORT POSTS
More results

Similar Description - PSM-3-500B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSM-2-10B MERRIMAC-PSM-2-10B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
PSP-4-10B MERRIMAC-PSP-4-10B Datasheet
133Kb / 1P
   PHASE SHIFTERS, MANUAL
PS-5-5B MERRIMAC-PS-5-5B Datasheet
95Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-4E-10B MERRIMAC-PSM-4E-10B Datasheet
101Kb / 1P
   PHASE SHIFTERS, MANUAL
PSS-2-70 MERRIMAC-PSS-2-70 Datasheet
71Kb / 1P
   PHASE SHIFTERS, MANUAL
PS-4-30 MERRIMAC-PS-4-30 Datasheet
117Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-2B-10B MERRIMAC-PSM-2B-10B Datasheet
121Kb / 1P
   PHASE SHIFTERS, MANUAL
PSM-2A-60 MERRIMAC-PSM-2A-60 Datasheet
96Kb / 1P
   PHASE SHIFTERS, MANUAL
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
   PHASE SHIFTERS
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
   PHASE SHIFTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com