Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4009CUF-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4009CUF-PBF
Description  High Effi ciency, Multi-Chemistry Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009CUF-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4009CUF-PBF Datasheet HTML 1Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 2Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 3Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 4Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 5Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 6Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 7Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 8Page - Linear Technology LTC4009CUF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
4009fb
LTC4009
LTC4009-1/LTC4009-2
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency at DCIN = 20V, BAT = 8V
VFB Line Regulation
TEST CIRCUITS
+
10
13
12
1.2085V
1.2085V
TARGET
PROG
VFB
ITH
4009 TC01
LTC4009
0.6V
EA
FROM ICL
(CLP = CLN)
+
LTC1055
+
11
13
12
1.2085V
TARGET VARIES
WITH FVS0,1
PROG
BAT
ITH
4009 TC02
LTC4009-1
LTC4009-2
0.6V
EA
FROM ICL
(CLP = CLN)
+
LTC1055
CHARGE CURRENT (A)
0
80
85
90
95
100
100
1000
10000
0.5
1.0
1.5
2.0
4009 G01
2.5
3.0
POWER LOSS
EFFICIENCY
RSENSE = 33mΩ
RIN = 3.01k
Efficiency at DCIN = 20V, BAT = 12V
CHARGE CURRENT (A)
0
80
85
90
95
100
100
1000
10000
0.5
1.0
1.5
2.0
4009 G02
2.5
3.0
POWER LOSS
EFFICIENCY
RSENSE = 33mΩ
RIN = 3.01k
Efficiency at DCIN = 20V, BAT = 16V
CHARGE CURRENT (A)
0
80
85
90
95
100
100
1000
10000
0.5
1.0
1.5
2.0
4009 G03
2.5
3.0
POWER LOSS
EFFICIENCY
RSENSE = 33mΩ
RIN = 3.01k
CLP (V)
5
0.02
0.06
0.10
25
4009 G04
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
10
15
20
30
LTC4009 TEST CIRCUIT
BAT (V)
0
75
100
150
175
200
10
20
25
300
4009 G05
125
515
225
250
275
CLP = BAT + 3V
(CLP ≥ 6V)
FBDIV RON vs BAT
(TA = 25°C unless otherwise noted. DIN = SSB44, L = IHLP-2525 6.8μH)


Similar Part No. - LTC4009CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4009 LINER-LTC4009 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4009 LINER-LTC4009 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4009 AD-LTC4009 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC4009-1 LINER-LTC4009-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
More results

Similar Description - LTC4009CUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com