Electronic Components Datasheet Search |
|
CD4541BH Datasheet(PDF) 7 Page - Texas Instruments |
|
CD4541BH Datasheet(HTML) 7 Page - Texas Instruments |
7 / 9 page 7 CD4541B Ceramic Dual-In-Line Frit Seal Packages (CERDIP) NOTES: 1. Index area: A notch or a pin one identification mark shall be locat- ed adjacent to pin one and shall be located within the shaded area shown. The manufacturer’s identification shall not be used as a pin one identification mark. 2. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. 4. Corner leads (1, N, N/2, and N/2+1) may be configured with a partial lead paddle. For this configuration dimension b3 replaces dimension b2. 5. This dimension allows for off-center lid, meniscus, and glass overrun. 6. Dimension Q shall be measured from the seating plane to the base plane. 7. Measure dimension S1 at all four corners. 8. N is the maximum number of terminal positions. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH. bbb C A - B S c Q L A SEATING BASE D PLANE PLANE -D- -A- -C- -B- α D E S1 b2 b A e M c1 b1 (c) (b) SECTION A-A BASE LEAD FINISH METAL eA/2 A M S S ccc C A - B M D S S aaa C A - B M D S S eA F14.3 MIL-STD-1835 GDIP1-T14 (D-1, CONFIGURATION A) 14 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A - 0.200 - 5.08 - b 0.014 0.026 0.36 0.66 2 b1 0.014 0.023 0.36 0.58 3 b2 0.045 0.065 1.14 1.65 - b3 0.023 0.045 0.58 1.14 4 c 0.008 0.018 0.20 0.46 2 c1 0.008 0.015 0.20 0.38 3 D - 0.785 - 19.94 5 E 0.220 0.310 5.59 7.87 5 e 0.100 BSC 2.54 BSC - eA 0.300 BSC 7.62 BSC - eA/2 0.150 BSC 3.81 BSC - L 0.125 0.200 3.18 5.08 - Q 0.015 0.060 0.38 1.52 6 S1 0.005 - 0.13 - 7 α 90o 105o 90o 105o - aaa - 0.015 - 0.38 - bbb - 0.030 - 0.76 - ccc - 0.010 - 0.25 - M - 0.0015 - 0.038 2, 3 N14 14 8 Rev. 0 4/94 |
Similar Part No. - CD4541BH |
|
Similar Description - CD4541BH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |